Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 70Page - Analog Devices AD9083BBCZ Datasheet HTML 71Page - Analog Devices AD9083BBCZ Datasheet HTML 72Page - Analog Devices AD9083BBCZ Datasheet HTML 73Page - Analog Devices AD9083BBCZ Datasheet HTML 74Page - Analog Devices AD9083BBCZ Datasheet HTML 75Page - Analog Devices AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 74 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x1C0 SYNC_CTRL1
[7:4]
RESERVED
Reserved.
0x1
R
3
NCORESET_ALL_SYSREF
NCO Reset Control by SYSREF. Applicable only in
resynchronization mode.
0: NCO reset happens only with a SYSREF which
caused resynchronization of clocks.
1: NCO reset happens with all SYSREF pulses (not
recommended unless SYSREF period is much
greater LMFC periods).
0x1
R/W
2
SYSREF_RESYNC_MODE
SYSREF Resync Mode.
0: SYSREF is not used for resync
1: SYSREF is used for resync
0x0
R/W
1
RISEDGE_SYSREF
Risedge SYSREF.
0: No rise edge detection on SYSREF pin. Input
SYSREF used as such
1: Rise edge detection done on input SYSREF and
used.
0x0
R/W
0
DP_CLK_FORCEN
Reserved.
0x0
R/W
0x1C1 TRIG_PROG_DELAY
[7:0]
TRIG_PROG_DELAY
Programmable delay for input trig in terms of
fS/4 clock cycles.
0x0
R/W
0x1C2 SYSREF_PROG_DELAY
[7:0]
SYSREF_PROG_DELAY
Programmable delay for input SYSREF terms of
fS/2 clock cycles.
0x0
R/W
0x1C3 TRIG_CTRL
[7:6]
TRIG_EDGE_CTRL
Control for Trig Edge Detection.
0x0
R/W
00: No Edge Detection.
01: Positive Edge.
10: Negative Edge.
[5:0]
RESERVED
Reserved.
0x10
R/W
0x1C4 DDC_SYNC_CTRL
[7:5]
RESERVED
Reserved.
0x0
R/W
4
DDC_SOFT_RESET
Digital Down Converter Soft Reset. Digital Down
Converter Soft Reset
0: Normal Operation
1: DDC Held in Reset.
Note: this bit can be used to synchronize all the
NCOs inside the DDC blocks.
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R
1
DDC_SYNC_NEXT
DDC Next Synchronization Mode. DDC Next
Synchronization Mode
0: Continuous mode
1: Next Synchronization mode - only the next
valid edge of SYSREF pin will be used to
synchronize the NCO in the DDC block.
Subsequent edges of the SYSREF pin will be
ignored.
Note: The SYSREF pin must an integer multiple of
the NCO frequency in order for this function to
operate correctly in continuous mode.
0x1
R/W
0
DDC_SYNC_EN
DDC Synchronization Enable. DDC
Synchronization Enable
0: Synchronization Disabled
1: Synchronization Enabled. If DDC_SYNC_
NEXT = 1, only the next valid edge of the SYSREF
pin will be used to synchronize the NCO in the
DDC block. Subsequent edges of the SYSREF pin
are ignored. After the next SYSREF is received,
this must be cleared for any subsequent use of
next SYSREF.
Note: the SYSREF input pin must be enabled in
order to synchronize the DDCs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com