Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 43Page - Analog Devices AD9083BBCZ Datasheet HTML 44Page - Analog Devices AD9083BBCZ Datasheet HTML 45Page - Analog Devices AD9083BBCZ Datasheet HTML 46Page - Analog Devices AD9083BBCZ Datasheet HTML 47Page - Analog Devices AD9083BBCZ Datasheet HTML 48Page - Analog Devices AD9083BBCZ Datasheet HTML 49Page - Analog Devices AD9083BBCZ Datasheet HTML 50Page - Analog Devices AD9083BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 47 of 93
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary after SYNCINB± deassertion. The ILAS
consists of four mulitframes, with an /R/ character marking the
beginning and an /A/ character marking the end. The ILAS
begins by sending an /R/ character followed by 0 to 255 ramp
data for one multiframe. On the second multiframe, the link
configuration data is sent, starting with the third character. The
second character is a /Q/ character to confirm that the link
configuration data follows. All undefined data slots are filled
with ramp data. The ILAS sequence is never scrambled.
The ILAS sequence construction is shown in Figure 87. The
four multiframes include the following:
•
Multiframe 1 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 2 begins with an /R/ character followed by a
/Q/ character (/K28.4/), followed by link configuration
parameters over 14 configuration octets (see Table 23) and
ends with an /A/ character. Many of the parameter values
are of the value – 1 notation.
•
Multiframe 3 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 4 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
User Data and Error Detection
After the initial lane alignment sequence is complete, the user
data (ADC samples) is sent. During transmission of the user data,
a mechanism called character replacement monitors the frame
clock and multiframe clock alignment. This mechanism replaces
the last octet of a frame or multiframe with an /F/ or /A/
alignment characters when the data meets certain conditions.
These conditions are different for unscrambled and scrambled
data. The scrambling operation is enabled by default, but it can
be disabled using the SPI.
For scrambled data, any 0xFC character at the end of a frame
is replaced by an /F/, and any 0x7C character at the end of a
multiframe is replaced with an /A/. The JESD204B receiver
(Rx) checks for /F/ and /A/ characters in the received data
stream and verifies that they only occur in the expected
locations. If an unexpected /F/ or /A/ character is found, the
receiver handles the situation by using dynamic realignment or
asserting the SYNCINB± signal for more than four frames to
initiate a resynchronization. For unscrambled data, if the final
octet of two subsequent frames are equal, the second octet is
replaced with an /F/ symbol if it is at the end of a frame, and an
/A/ symbol if it is at the end of a multiframe.
Insertion of alignment characters can be modified using SPI. The
frame alignment character insertion (FACI) is enabled by default.
8-Bit/10-Bit Encoder
The 8-bit/10-bit encoder converts 8-bit octets into 10-bit symbols
and inserts control characters into the stream when needed. The
control characters used in JESD204B are shown in Table 23.
The 8-bit/10-bit encoding ensures that the signal is dc balanced by
using the same number of ones and zeros across multiple symbols.
The 8-bit/10-bit interface has options that can be controlled via
the SPI. These operations include bypass and invert. These options
are troubleshooting tools for the verification of the digital front
end (DFE). Refer to the Memory Map section, Register 0x2A3
(JTX_DL_204B_CONFIG0) for information on configuring the
8-bit/10-bit encoder.
END OF
MULTIFRAME
D
A
R
Q
C
K
K
START OF
ILAS
R
D
START OF LINK
CONFIGURATION DATA
START OF
USER DATA
D
A
R
D
C
D
D
A
R
D
D
A
D
Figure 87. Initial Lane Alignment Sequence
Table 23. AD9083 Control Characters Used in JESD204B
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value,
RD1 = −1
10-Bit Value,
RD1 = +1
Description
/R/
/K28.0/
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
/K28.3/
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
/K28.4/
100 11100
001111 0100
110000 1101
Start of link configuration data
/K/
/K28.5/
101 11100
001111 1010
110000 0101
Group synchronization
/F/
/K28.7/
111 11100
001111 1000
110000 0111
Frame alignment
1
RD means running disparity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com