Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 73Page - Analog Devices AD9083BBCZ Datasheet HTML 74Page - Analog Devices AD9083BBCZ Datasheet HTML 75Page - Analog Devices AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 77 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x289 JTX_L0_SCR_L
7
JTX_SCR_CFG
JTx Scrambler
0 = Disabled
1 = Enabled
0x0
R/W
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_L_CFG
Number of lanes per converter device (link).
0 : L = 1
1 : L = 2
2 : L = 3
3 : L = 4
Values > 3 are not supported
0x0
R/W
0x28A JTX_L0_F
[7:0]
JTX_F_CFG
Number of octets per frame per lane.
F = N/16 × M × N / L.
0x0
R/W
0x28B JTX_L0_K
[7:0]
JTX_K_CFG
Number of frames in a multi-frame/block.
0x0
R/W
0x28C JTX_L0_M
[7:0]
JTX_M_CFG
Number of converters per device.
JTx number of virtual converters per link (M=JTX
M configuration + 1). 0 = 1 virtual converter 1 = 2
virtual converters 2 = 3 virtual converters 3 = 4
virtual converters 5 = 6 virtual converters 7 = 8
virtual converters 11 = 12 virtual converters 15 =
16 virtual converters All other values are invalid.
0x0
R/W
0x28D JTX_L0_CS_N
[7:6]
JTX_CS_CFG
Number of control bits per sample.
0x0
R/W
5
RESERVED
Reserved.
0x0
R
[4:0]
JTX_N_CFG
Converter resolution.
0x0
R/W
0x28E JTX_L0_SUBCLASSV_NP [7:5]
JTX_SUBCLASSV_CFG
Device Subclass Version 2: align transmission
and LMFC boundaries to SYNC~ 1: align
transmission and LMFC boundaries to SYSREF 0:
transmission and LMFC boundaries are arbitrary.
0x0
R/W
[4:0]
JTX_NP_CFG
Total number of bits per sample.
0x0
R/W
0x28F JTX_L0_JESDV_S
[7:5]
JTX_JESDV_CFG
JESD204 version
001: JESD204B
0x0
R/W
[4:0]
JTX_S_CFG
Samples per converter per frame.
0x0
R/W
0x290 JTX_L0_HD
7
JTX_HD_CFG
High Density format enabled.
0x0
R/W
[6:0]
RESERVED
Reserved.
0x0
R
0x293
to
0x296
by 1
JTX_L0_CHKSUMn
[7:0]
JTX_CHKSUM_CFG
Checksum calculation output (per lane).
0x0
R
0x297
to
0x29A
by 1
JTX_L0_LIDn
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_LID_CFG
Lane identification number (within link).
0x0
R/W
0x2A3 JTX_DL_204B_CONFIG0 [7:4]
JTX_DL_204B_ILAS_DELAY_C
FG
Delays ILAS Start by 0 to 15 LMFC Periods.
0x0
R/W
3
JTX_DL_204B_BYP_ILAS_CFG bypass initial lane alignment sequence.
0x0
R/W
2
JTX_DL_204B_ILAS_TEST_
EN_CFG
Enable ilas test mode that sends repeated ILAS
pattern. If sync_n not active then 16 Kchars sent
followed by repeated ILAS.
0x0
R/W
1
JTX_DL_204B_BYP_8B10B_
CFG
Bypass 8-bit/10-bit encoder.
0x0
R/W
0
JTX_DL_204B_BYP_ACG_CFG bypass alignment character generation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com