Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 115 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 111Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 112Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 113Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 114Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 115Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 116Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 117Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 118Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 226 page
background image
8.10.2 Comparator Subsystem (CMPSS)
Each CMPSS module includes two comparators, two internal voltage reference DACs (CMPSS DACs), two
digital glitch filters, and one ramp generator. There are two inputs, CMPINxP and CMPINxN. Each of these
inputs will be internally connected to an ADCIN pin. The CMPINxP pin is always connected to the positive input
of the CMPSS comparators. CMPINxN can be used instead of the DAC output to drive the negative comparator
inputs. There are two comparators, and therefore two outputs from the CMPSS module, which are connected to
the input of a digital filter module before being passed on to the Comparator TRIP crossbar and either PWM
modules or directly to a GPIO pin. Figure 8-37 shows the CMPSS connectivity on the 337-ball ZWT and 176-pin
PTP packages. Figure 8-38 shows CMPSS connectivity on the 100-pin PZP package.
CTRIPOUT1H
CTRIP1H
CTRIP1L
CTRIP2L
CTRIPOUT2H
CTRIP2H
CTRIPOUT8H
CTRIP8H
CTRIP8L
ePWMs
ePWM X-BAR
CTRIPOUT2L
CTRIPOUT8L
CTRIP1H
CTRIP1L
CTRIP2H
CTRIP2L
CTRIP8H
CTRIP8L
GPIO Mux
Output X-BAR
CTRIPOUT1H
CTRIPOUT1L
CTRIPOUT2H
CTRIPOUT2L
CTRIPOUT8H
CTRIPOUT8L
Comparator Subsystem 1
VDDA or VDAC
Digital
Filter
Digital
Filter
DAC12
DAC12
CTRIPOUT1L
Comparator Subsystem 2
VDDA or VDAC
Digital
Filter
Digital
Filter
DAC12
DAC12
Comparator Subsystem 8
VDDA or VDAC
Digital
Filter
Digital
Filter
DAC12
DAC12
CMPIN1P Pin
CMPIN1N Pin
CMPIN2N Pin
CMPIN8N Pin
CMPIN2P Pin
CMPIN8P Pin
Figure 8-37. CMPSS Connectivity (337-Ball ZWT and 176-Pin PTP)
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com