Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 143 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 139Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 140Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 141Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 142Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 143Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 144Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 145Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 146Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 226 page
background image
8.11.5.2 SDFM Electrical Data and Timing (Using 3-Sample GPIO Input Qualification)
SDFM operation with qualified GPIO (3-sample window) is defined by setting GPyQSELn = 0b01. When using
this qualified GPIO (3-sample window) mode, the timing requirement for the tw(GPI) pulse duration of 2tc(SYSCLK)
must be met. It is important for both SD-Cx and SD-Dx pairs to be configured with the same GPIO qualification
option. Section 8.11.5.2.1 lists the SDFM timing requirements when using the GPIO input qualification (3-sample
window) option. Figure 8-56 through Figure 8-59 show the SDFM timing diagrams.
8.11.5.2.1 SDFM Timing Requirements When Using GPIO Input Qualification (3-Sample Window) Option
MIN(1)
MAX
UNIT
Mode 0
tc(SDC)M0
Cycle time, SDx_Cy
10 * SYSCLK period
256 * SYSCLK period
ns
tw(SDCHL)M0
Pulse duration, SDx_Cy high/low
4 * SYSCLK period
6 * SYSCLK period
ns
tw(SDDHL)M0
Pulse duration, SDx_Dy high/low
4 * SYSCLK period
ns
tsu(SDDV-SDCH)M0
Setup time, SDx_Dy valid before SDx_Cy goes
high
2 * SYSCLK period
ns
th(SDCH-SDD)M0
Hold time, SDx_Dy wait after SDx_Cy goes high
2 * SYSCLK period
ns
Mode 1
tc(SDC)M1
Cycle time, SDx_Cy
20 * SYSCLK period
256 * SYSCLK period
ns
tw(SDCH)M1
Pulse duration, SDx_Cy high
4 * SYSCLK period
6 * SYSCLK period
ns
tw(SDDHL)M1
Pulse duration, SDx_Dy high/low
4 * SYSCLK period
ns
tsu(SDDV-SDCL)M1
Setup time, SDx_Dy valid before SDx_Cy goes
low
2 * SYSCLK period
ns
tsu(SDDV-SDCH)M1
Setup time, SDx_Dy valid before SDx_Cy goes
high
2 * SYSCLK period
ns
th(SDCL-SDD)M1
Hold time, SDx_Dy wait after SDx_Cy goes low
2 * SYSCLK period
ns
th(SDCH-SDD)M1
Hold time, SDx_Dy wait after SDx_Cy goes high
2 * SYSCLK period
ns
Mode 2
tc(SDD)M2
Cycle time, SDx_Dy
Option unavailable
tw(SDDH)M2
Pulse duration, SDx_Dy high
Mode 3
tc(SDC)M3
Cycle time, SDx_Cy
10 * SYSCLK period
256 * SYSCLK period
ns
tw(SDCHL)M3
Pulse duration, SDx_Cy high
4 * SYSCLK period
6 * SYSCLK period
ns
tw(SDDHL)M3
Pulse duration, SDx_Dy high/low
4 * SYSCLK period
ns
tsu(SDDV-SDCH)M3
Setup time, SDx_Dy valid before SDx_Cy goes
high
2 * SYSCLK period
ns
th(SDCH-SDD)M3
Hold time, SDx_Dy wait after SDx_Cy goes high
2 * SYSCLK period
ns
(1)
SDFM timing requirements apply only when the GPIO input qualification type is the 3-sample window (GPyQSELx = 1; QUALPRD = 0)
option. It is important that both the SD-Cx and SD-Dx pairs be configured with the 3-sample window option.
Note
The SDFM Qualified GPIO (3-sample) mode provides protection against SDFM module corruption due
to occasional random noise glitches on the SDx_Cy pin that may result in a false comparator trip and
filter output. For more details, refer to the "SDFM: Use Caution While Using SDFM Under Noisy
Conditions" usage note in the TMS320F2837xD Dual-Core MCUs Silicon Errata .
The SDFM Qualified GPIO (3-sample) mode does not provide protection against persistent violations
of the above timing requirements. Timing violations will result in data corruption proportional to the
number of bits which violate the requirements.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
143
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com