Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 144 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 140Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 141Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 142Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 143Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 144Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 145Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 146Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 147Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 226 page
background image
8.12 Communications Peripherals
Note
For the actual number of each peripheral on a specific device, see Table 6-1.
8.12.1 Controller Area Network (CAN)
The CAN module performs CAN protocol communication according to ISO 11898-1 (identical to Bosch® CAN
protocol specification 2.0 A, B). The bit rate can be programmed to values up to 1 Mbps. A CAN transceiver chip
is required for the connection to the physical layer (CAN bus).
For communication on a CAN network, individual message objects can be configured. The message objects and
identifier masks are stored in the Message RAM.
All functions concerning the handling of messages are implemented in the message handler. These functions
are: acceptance filtering; the transfer of messages between the CAN Core and the Message RAM; and the
handling of transmission requests.
The register set of the CAN may be accessed directly by the CPU through the module interface. These registers
are used to control and configure the CAN core and the message handler, and to access the message RAM.
The CAN module implements the following features:
• Complies with ISO11898-1 (Bosch® CAN protocol specification 2.0 A and B)
• Bit rates up to 1 Mbps
• Multiple clock sources
• 32 message objects (“message objects” are also referred to as “mailboxes” in this document; the two terms
are used interchangeably), each with the following properties:
– Configurable as receive or transmit
– Configurable with standard (11-bit) or extended (29-bit) identifier
– Supports programmable identifier receive mask
– Supports data and remote frames
– Holds 0 to 8 bytes of data
– Parity-checked configuration and data RAM
• Individual identifier mask for each message object
• Programmable FIFO mode for message objects
• Programmable loop-back modes for self-test operation
• Suspend mode for debug support
• Software module reset
• Automatic bus-on, after bus-off state by a programmable 32-bit timer
• Message-RAM parity-check mechanism
• Two interrupt lines
Note
For a CAN bit clock of 200 MHz, the smallest bit rate possible is 7.8125 kbps.
Note
Depending on the timing settings used, the accuracy of the on-chip zero-pin oscillator (specified in the
data manual) may not meet the requirements of the CAN protocol. In this situation, an external clock
source must be used.
Figure 8-60 shows the CAN block diagram.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
144
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com