Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 179 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 179 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 175Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 176Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 177Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 178Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 179Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 180Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 181Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 182Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 226 page
background image
9.3 Memory
9.3.1 C28x Memory Map
Both C28x CPUs on the device have the same memory map except where noted in Table 9-1. The GSx_RAM
(Global Shared RAM) should be assigned to either CPU by the GSxMSEL register. Memories accessible by the
CLA or DMA (direct memory access) are noted as well.
Table 9-1. C28x Memory Map
MEMORY
SIZE
START ADDRESS
END ADDRESS
CLA ACCESS
DMA ACCESS
M0 RAM
1K × 16
0x0000 0000
0x0000 03FF
M1 RAM
1K × 16
0x0000 0400
0x0000 07FF
PieVectTable
512 × 16
0x0000 0D00
0x0000 0EFF
CPUx.CLA1 to CPUx MSGRAM
128 × 16
0x0000 1480
0x0000 14FF
Yes
CPUx to CPUx.CLA1 MSGRAM
128 × 16
0x0000 1500
0x0000 157F
Yes
UPP TX MSG RAM
512 × 16
0x0000 6C00
0x0000 6DFF
Yes
(CPU1.CLA1 only)
UPP RX MSG RAM
512 × 16
0x0000 6E00
0x0000 6FFF
Yes
(CPU1.CLA1 only)
LS0 RAM
2K × 16
0x0000 8000
0x0000 87FF
Yes
LS1 RAM
2K × 16
0x0000 8800
0x0000 8FFF
Yes
LS2 RAM
2K × 16
0x0000 9000
0x0000 97FF
Yes
LS3 RAM
2K × 16
0x0000 9800
0x0000 9FFF
Yes
LS4 RAM
2K × 16
0x0000 A000
0x0000 A7FF
Yes
LS5 RAM
2K × 16
0x0000 A800
0x0000 AFFF
Yes
D0 RAM
2K × 16
0x0000 B000
0x0000 B7FF
D1 RAM
2K × 16
0x0000 B800
0x0000 BFFF
GS0 RAM(1)
4K × 16
0x0000 C000
0x0000 CFFF
Yes
GS1 RAM(1)
4K × 16
0x0000 D000
0x0000 DFFF
Yes
GS2 RAM(1)
4K × 16
0x0000 E000
0x0000 EFFF
Yes
GS3 RAM(1)
4K × 16
0x0000 F000
0x0000 FFFF
Yes
GS4 RAM(1)
4K × 16
0x0001 0000
0x0001 0FFF
Yes
GS5 RAM(1)
4K × 16
0x0001 1000
0x0001 1FFF
Yes
GS6 RAM(1)
4K × 16
0x0001 2000
0x0001 2FFF
Yes
GS7 RAM(1)
4K × 16
0x0001 3000
0x0001 3FFF
Yes
GS8 RAM(1)
4K × 16
0x0001 4000
0x0001 4FFF
Yes
GS9 RAM(1)
4K × 16
0x0001 5000
0x0001 5FFF
Yes
GS10 RAM(1)
4K × 16
0x0001 6000
0x0001 6FFF
Yes
GS11 RAM(1)
4K × 16
0x0001 7000
0x0001 7FFF
Yes
GS12 RAM(1) (2)
4K × 16
0x0001 8000
0x0001 8FFF
Yes
GS13 RAM(1) (2)
4K × 16
0x0001 9000
0x0001 9FFF
Yes
GS14 RAM(1) (2)
4K × 16
0x0001 A000
0x0001 AFFF
Yes
GS15 RAM(1) (2)
4K × 16
0x0001 B000
0x0001 BFFF
Yes
CPU2 to CPU1 MSGRAM(1)
1K × 16
0x0003 F800
0x0003 FBFF
Yes
CPU1 to CPU2 MSGRAM(1)
1K × 16
0x0003 FC00
0x0003 FFFF
Yes
CAN A Message RAM(1)
2K × 16
0x0004 9000
0x0004 97FF
CAN B Message RAM(1)
2K × 16
0x0004 B000
0x0004 B7FF
Flash
256K × 16
0x0008 0000
0x000B FFFF
Secure ROM
32K × 16
0x003F 0000
0x003F 7FFF
Boot ROM
32K × 16
0x003F 8000
0x003F FFBF
Vectors
64 × 16
0x003F FFC0
0x003F FFFF
(1)
Shared between CPU subsystems.
(2)
Available only on F28379D, F28378D, F28377D, and F28375D.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
179
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com