Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices LTM8024 Datasheet HTML 30Page - Analog Devices LTM8024 Datasheet HTML 31Page - Analog Devices LTM8024 Datasheet HTML 32Page - Analog Devices LTM8024 Datasheet HTML 33Page - Analog Devices LTM8024 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
LTM4655
30
Rev. 0
For more information www.analog.com
can be connected to VOUTn+ through an RC-filter. When
the internal LDO derives power from EXTVCCn instead of
SVINn, the internal LDO power dissipation is shown in
Equation 17.
PLDO_LOSSn(EXTVCC) = 20mA •(VOUTn − VOUTn− −3V) (17)
The recommended value of the resistor between VOUTn+
and EXTVCCn is roughly (VOUTn+ – VOUTn–) • 4Ω/V. This
resistor, REXTVCCn, must be rated to continually dissipate
(0.02A)² • REXTVCCn. The primary purpose of this resistor
is to prevent EXTVCCn overstress under a fault condition.
For example, when an inductive short-circuit is applied
to the module’s output, VOUT+ may be briefly dragged
below VOUTn–—forward biasing the VOUTn–-to-EXTVCCn
body diode. This resistor limits the magnitude of current
flow in EXTVCCn. If the application requires a low resistive
path to EXTVCCn, apply a protective Schottky diode across
EXTVCCn and VOUTn–; see Figure 52. Bypass EXTVCCn to
VOUTn– with 1μF of X5R (or better) MLCC.
Multiphase Operation
Multiple LTM4655 channels and modules can be paralleled
for higher output current applications. For lowest input
and output voltage and current ripples, it is advisable to
synchronize paralleled LTM4655s to a clock (within ±40%
of the target switching frequency set by fSETn.
LTM4655 channels and modules can be paralleled with-
out synchronizing circuits: just be aware that some beat-
frequency ripple will be present in the output voltage and
reflected input current by virtue of the fact that such mod-
ules are not operating at identical, synchronized switching
frequencies.
The LTM4655 device is an inherently current mode con-
trolled device, so parallel channels and modules will have
good current sharing as shown in Figure 45 and Figure 47.
To parallel LTM4655 channels and/or modules, con-
nect the respective COMP
na, ISETna, and VOSNSn+ pins
of each LTM4655 together to share the current evenly.
In addition, tie the respective RUN
n pins of paralleled
LTM4655 channels and/or modules together, to ensure
proper start-up and shutdown behavior.
Note that for parallel applications, VOUT can be set by a single,
common resistor on the ISET
na net (see Equation 18).
RISETn =
VOUTn+ − VOUTn−
50µA •N
(18)
where N is the number of LTM4655 channels in parallel
configuration.
Depending on the duty cycle of operation, the output
voltage ripple achieved by paralleled, synchronized
LTM4655 modules may be considerably smaller than
what is yielded by a single-phase solution. Application
Note 77 provides a detailed explanation of multiphase
operation (relevant to parallel LTM4655 applications)
pertaining to noise reduction and output and input ripple
current cancellation. Regardless of ripple current cancel-
lation, it remains important for the output capacitance of
paralleled LTM4655 applications to be designed for loop
stability and transient response. LTpowerCAD is available
for such analysis.
Figure 5 illustrates the RMS ripple current reduction as a
function of the number of interleaved (paralleled and syn-
chronized) LTM4655 modules—derived from Application
Note 77.
APPLICATIONS INFORMATION
Figure 5. Normalized Input RMS Ripple Current vs Duty Cycle for
One to Six LTM4655 Channels (Phases)
0.75 0.8
4655 F05
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY CYCLE (–VOUT– / VIN – VOUT–)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1-PHASE
2-PHASE
3-PHASE
4-PHASE
6-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com