Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
LTM4655
19
Rev. 0
For more information www.analog.com
IMON2a (C7): Channel 2 Power Inductor Current Analog
Indicator Pin and Current Limit Programming Pin. In
positive-VOUT step-down applications, only, the current
flowing out of this pin is equal to 1/40,000 of the average
channel 2 power inductor current. Optionally apply a par-
allel resistor-capacitor network to this pin and terminate
it to SVOUT2– in order to construct a voltage (VIMON2a–
SVOUT2–) that is proportional to channel 2’s power induc-
tor current.
IMON2a can be connected to IMON2b if the default resis-
tor capacitor termination network provided by IMON2b is
desired. If this analog indicator feature is not desired—
or, in negative-VOUT– buck-boost applications: connect
IMON2a to SVOUT2–.
If IMON2a–SVOUT2– exceeds a trip threshold of approxi-
mately 2V, an IMON2 control loop servos channel 2
power inductor current accordingly and thus regulates
IMON2a–SVOUT2– at 2V. In this manner, the current limit
inception threshold of channel 2 can be configured. (See
the Applications Information section.)
IMON2b (C6): Channel 2 Power Inductor Analog Indicator
Current Default Termination R-C Network. A 10k resis-
tor in parallel with a 10nF capacitor and terminating to
SVOUT2– connect to this pin. Connect IMON2b to IMON2a
to achieve default power inductor analog indicator current
characteristics: 1V (with respect to SVOUT2–) at full-scale
(4A) load current in positive-VOUT, noninverting step-
down applications. (See IMON2a.) If unused, IMON2b
can be left open circuit or connected to SVOUT2–.
VINREG1 (D3): Channel 1 Input Voltage Regulation
Programming Pin. Optionally connect this pin to the
midpoint node formed by a resistor divider between VD1
and VOUT1–. If VINREG1–SVOUT1– falls below approxi-
mately 2V, a VINREG1 control loop servos the power
inductor current accordingly and thus regulates VINREG1
at 2V with respect to SVOUT1–. (See the Applications
Information section.)
If this input voltage regulation feature is not desired on
channel 1, connect VINREG1 to INTVCC1.
VINREG2 (D8): Channel 2 Input Voltage Regulation
Programming Pin. Optionally connect this pin to the mid-
point node formed by a resistor divider between VD2 and
VOUT2–. If VINREG2–SVOUT2– falls below approximately
2V, a VINREG2 control loop servos the power inductor
current accordingly and thus regulates VINREG2 at 2V
with respect to SVOUT2–. (See the Applications Information
section.)
If this input voltage regulation feature is not desired on
channel 2, connect VINREG2 to INTVCC2.
TEMP+ (J6): Temperature Sensor, Positive Input. Emitter
of a 2N3906-genre PNP bipolar junction transistor (BJT).
Optionally interface to temperature monitoring circuitry
such as LTC®2997, LTC2990, LTC2974 or LTC2975.
Otherwise leave electrically open.
TEMP– (J7): Temperature Sensor, Negative Input. Collector
and base of a 2N3906-genre PNP bipolar junction tran-
sistor (BJT). Optionally interface to temperature moni-
toring circuitry such as LTC2997, LTC2990, LTC2974 or
LTC2975. Otherwise leave electrically open.
SW1 (H4): Switching Node of Channel 1 Switching
Converter Stage. Used for test purposes. May be routed
a short distance with a thin trace to a local test point to
monitor switching action of the converter, if desired, but
do not route near any sensitive signals; otherwise, leave
electrically open circuit.
SW2 (H9): Switching Node of Channel 2 Switching
Converter Stage. Used for test purposes. May be routed
a short distance with a thin trace to a local test point to
monitor switching action of the converter, if desired, but
do not route near any sensitive signals; otherwise, leave
electrically open circuit.
LDOOUT (G12): Output of the LTM4655’s GND Referenced
5V-Fixed LDO. No bypass capacitance is needed. Powers
the clock generator internal to the LTM4655. Can deliver
up to 25mA of current.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com