Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 31 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices LTM8024 Datasheet HTML 30Page - Analog Devices LTM8024 Datasheet HTML 31Page - Analog Devices LTM8024 Datasheet HTML 32Page - Analog Devices LTM8024 Datasheet HTML 33Page - Analog Devices LTM8024 Datasheet HTML 34Page - Analog Devices LTM8024 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
LTM4655
31
Rev. 0
For more information www.analog.com
Negative Output Current Capability Varies as a
Function of VINn to VOUTn– Conversion Ratios,
Negative-VOUT– Operation
In negative-VOUT operation, the output current capability of
the LTM4655 has a strong dependency on the operating
input (VINn) and output (VOUTn–) voltages. See Figure 6.
these effects is shown the plots in Figure 6 and described
by Equation 19.
IOUTn(CAPABILITY) =
VINn • InPK –
ΔInPK–PK
2
⎛
⎝⎜
⎞
⎠⎟
•
ηn
VINn – VOUTn
–
(19)
where:
∆InPK-PK is the channel n inductor ripple current, in
amps, and ηn (unitless) is the channel efficiency of the
LTM4655.
For completeness, ∆InPK-PK is given by Equation 20.
ΔInPK–PK =
1
Ln •fSWn •
1
VINn
–
1
VOUTn
–
⎛
⎝⎜
⎞
⎠⎟
(20)
where:
Ln is 4μH, the LTM4655 channel’s power inductor value,
and fSWn is the switching frequency of the LTM4655’s
channel, in MHz.
For a practical design, ∆InPK-PK is designed to be less
than ~2APK-PK.
For a practical design, the LTM4655’s on-time of MTn
each switching cycle should be designed to exceed the
LTM4655 control loop’s specified minimum on-time
of 60ns, tON(MIN), (guardband to 90ns). For example,
Equation 21.
Dn
fSWn
> TONn(MIN)
(21)
where Dn (unitless) is the duty-cycle of MTn, given by
Equation 22.
D
=
VOUTn+ – VOUTn
–
VINn – VOUTn
–
(22)
Combining Equation 22 with Equation 19, it can be illus-
trative to see Equation 23.
IOUTn(CAPABILITY) =(1–Dn)• InPK –
ΔInPK–PK
2
⎛
⎝⎜
⎞
⎠⎟
•
ηn
(23)
APPLICATIONS INFORMATION
Figure 6. Channel Output Current Capability*,
Negative-VOUT Operation
*Current limit frequency-foldback activates at load cur-
rents higher than indicated curves. Continuous channel
output current capability subject to details of appli-
cation implementation. Switching frequency set per
Table 1. See Notes 2 and 3.
The reason for this is inherent in the two-switch buck-boost
topology employed by the LTM4655 when so-configured
for negative-VOUT operation. To protect the primary power
MOSFET (MTn) from overstress (see Simplified Block
Diagram), its peak current (InPK) is limited by control
circuitry to 6A. When MTn is on, observe that no current
flows to LTM4655’s output; furthermore, observe that
only when MTn is off does current flow to the output of
the LTM4655. As a consequence of this arrangement: for
a given output voltage, current limit inception activates
sooner at low line (higher, larger duty cycle) than at high
line (lower, smaller duty cycle). A further consequence
is: for a given input voltage, the output power capability
of the LTM4655 is higher for lower-magnitude VOUTn–
(lower, smaller duty cycle) than for higher-magnitude
VOUTn– (higher, larger duty cycle). The combination of
VOUT– = –0.5V
VOUT– = –3.3V
VOUT– = –5V
VOUT– = –8V
VOUT– = –12V
VOUT– = –15V
VOUT– = –20V
VOUT– = –24V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4655 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com