Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 46 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 46 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 42Page - Analog Devices LTM8024 Datasheet HTML 43Page - Analog Devices LTM8024 Datasheet HTML 44Page - Analog Devices LTM8024 Datasheet HTML 45Page - Analog Devices LTM8024 Datasheet HTML 46Page - Analog Devices LTM8024 Datasheet HTML 47Page - Analog Devices LTM8024 Datasheet HTML 48Page - Analog Devices LTM8024 Datasheet HTML 49Page - Analog Devices LTM8024 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
LTM4655
46
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Safety Considerations
The LTM4655 does not provide galvanic isolation from
VINn to VOUTn+/VOUTn–. There is no internal fuse. If
required, a slow blow fuse with a rating twice the maxi-
mum input current needs to be provided to protect the
unit from catastrophic failure.
The fuse or circuit breaker, if used, should be selected to
limit the current to the regulator in case of a MTn MOSFET
fault. If MTn fails, the system’s input supply will source
very large currents to VOUTn+ through MTn. This can cause
excessive heat and board damage depending on how
much power the input voltage can deliver to this system.
A fuse or circuit breaker can be used as a secondary fault
protector in this situation. Each channel of the LTM4655
features its own, independent overcurrent and overtem-
perature protection.
Layout Checklist/Example
The high integration of LTM4655 makes the PCB board
layout straightforward. However, to optimize its electrical
and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current paths,
including VINn, VOUTn+ and VOUTn–. Doing so helps to
minimize the PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output (and, if
used, input-to-output) capacitors next to the VINn, VDn,
VOUTn+/VOUTn– pins to minimize high frequency noise.
• Place a dedicated power ground layer underneath the
LTM4655.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on pads, unless they are capped
or plated over.
• For each channel, use a separate SVOUTn– copper plane
for components connected to signal pins. Connect
SVOUTn– to VOUTn– directly under the module.
• For parallel applications, connect the respective VOUTn+,
VOUTn–, VOSNSn+, RUNn, ISETna, COMPna, PGOODn
and IMON
na pins, accordingly (see Figure 45).
• Bring out test points on the signal pins for monitoring.
Figure 44 gives a good example of the recommended
LTM4655 layout.
Figure 44. Recommended PCB Layout, Package Top View
VOUT2–
VOUT1–
VOUT1+
VOUT1–
VOUT1–
VOUT2+
VIN1
VIN2
4655 F44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com