Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
LTM4655
25
Rev. 0
For more information www.analog.com
IMON
na pin does not support such a feature and must be
connected to VOUTn–.) When IMONna is electrically con-
nected to IMON
nb, the voltage on the IMONna/IMONnb
node is proportional to load current—with 1V correspond-
ing to 4A load. If desired, IMON
na can be interfaced to an
external parallel RC network instead of the one provided by
IMON
nb. If IMONna ever exceeds 2V, a servo loop reduces
the LTM4655’s output current in order to keep IMON
na
at or below 2V. Through this servo mechanism, a parallel
RC network can be connected to IMON
na to implement an
average current limit function—if desired. When the feature
is not needed, connect IMON
na to VOUTn–.
The LTM4655 features an additional control pin called
VINREG
n, which has a 2V servo threshold. This pin can be
used to as an extra control pin, e.g., to reduce channel input
current draw during input line sag (“brownout”) conditions.
Connect VINREG
ntoINTVCCn whenthisfeatureisnotneeded.
TEMP+ and TEMP– pins give access to a diode-con-
nected PNP transistor, making it possible to monitor the
LTM4655’s internal temperature—if desired.
External component selection is primarily determined by
the maximum load current and output voltage. Refer to
Table 11 and Table 12 and the Test Circuits for recom-
mended external component values.
VIN to VOUT Conversion Ratios
There are restrictions on the VIN to VOUT conversion ratios
that the LTM4655 can achieve. The maximum duty cycle
of the LTM4655 is 96% typical. The VIN to VOUT mini-
mum dropout voltage is a function of load current when
operating in high duty cycle applications. As an example,
VOUTn(24VDC) from the Electrical Characteristics table
highlights the LTM4655’s ability to regulate 24VOUT at up
to 4A from 29VIN, when running at a switching frequency,
fSW, of 1.5MHz.
At very low duty cycles, the LTM4655’s on-time of MT
each switching cycle should be designed to exceed the
LTM4655 control loop’s specified minimum on-time of
60ns, tON(MIN), (guardband to 90ns) see Equation 4.
Dn
fSWn
> TON(MIN)n
(4)
where Dn (unitless) is the duty-cycle of MTn, given by
Equation 5:
Dn =
VOUTn+ − VOUTn−
VINn− − VOUTn−
(5)
In rare cases where the minimum on-time restriction
is violated, the channel
n frequency of the LTM4655
automatically and gradually folds back down to approxi-
mately one-fifth of its programmed switching frequency
to allow VOUT to remain in regulation. See the Frequency
Adjustment section. Be reminded of Notes 2 and 3 in
the Electrical Characteristics section regarding output
current guidelines.
Input Capacitors, Positive-VOUT Operation
The LTM4655 achieves low input conducted EMI noise
due to tight layout and high frequency bypassing of
MOSFETs MTn and MBn within the module itself. A small
filter inductor (400nH) is integrated in the input line (from
VINn to VDn), providing further noise attenuation—again,
local to the switching MOSFETs. The VDn and VINn pins
are available for external input capacitors—CDn and
CINHn—to form a high-frequency π filter. As shown in
the Simplified Block Diagram, the ceramic capacitor CDn
on the LTM4655’s VDn pins handles the majority of the
RMS current into the DC/DC converter power stage and
requires careful selection, for that reason.
See Figure  7 through Figure  9 for demonstration of
LTM4655’s EMI performance, meeting the radiated emis-
sions requirements of EN55022B.
The input capacitance, CDn, is needed to filter the pulsed
current drawn by MTn. To prevent excessive voltage sag
on VDn, a low-effective series resistance (low-ESR, such
as an X7R ceramic) input capacitor should be used, sized
appropriately for the maximum CDn RMS ripple current
(Equation 6)
ICDn(RMS) =
IOUTn(MAX)
ηn%
• Dn •(1–Dn)
(6)
where ηn% is the estimated efficiency of the chan-
nel
n power module. (See Typical Performance
Characteristics graphs.)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com