Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 37 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 33Page - Analog Devices LTM8024 Datasheet HTML 34Page - Analog Devices LTM8024 Datasheet HTML 35Page - Analog Devices LTM8024 Datasheet HTML 36Page - Analog Devices LTM8024 Datasheet HTML 37Page - Analog Devices LTM8024 Datasheet HTML 38Page - Analog Devices LTM8024 Datasheet HTML 39Page - Analog Devices LTM8024 Datasheet HTML 40Page - Analog Devices LTM8024 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
LTM4655
37
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
respectively. The power loss curves are taken at room
temperature, and are increased with multiplicative factors
with ambient temperature. These approximate factors are
listed in Table 1. (Compute the factor by interpolation,
for intermediate temperatures.) The derating curves
are plotted with the LTM4655’s outputs paralleled and
inteleaved, sourcing its maximum output capability, in
an environment with temperature-controlled ambient.
The output voltages are 1VOUT, 5VOUT, 15VOUT, –5VOUT,
–15VOUT and –24VOUT. These are chosen to include the
lower and higher output voltage ranges for correlating
the thermal resistance. Thermal models are derived
from several temperature measurements in a controlled
temperature chamber along with thermal modeling
analysis. The junction temperatures are monitored while
ambient temperature is increased with and without air
flow, and with and without a heat sink attached with
thermally conductive adhesive tape. The power loss
increase with ambient temperature change is factored
into the derating curves. The junctions are maintained at
120°C maximum while lowering output current or power
while increasing ambient temperature. The decreased
output current decreases the internal module loss as
ambient temperature is increased. The monitored junction
temperature of 120°C minus the ambient operating
temperature specifies how much module temperature
rise can be allowed. As an example in Figure 30, the load
current is derated to 3.05A per channel (6.1A, combined)
at 60°C ambient with no airflow and no heat sink and the
room temperature (25°C) per channel power loss for this
24VIN to –5VOUT at 3.05A out condition is 2.45W; 4.9W,
combined. A 5.39W loss is calculated by multiplying the
4.9W room temperature loss from the 24VIN to –5VOUT
power loss curve at 4.9W (Figure  25), with  the 1.1
multiplying factor at 60°C ambient (from Table 2). If the
60°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 60°C divided
by 5.39W yields a thermal resistance, θJA, of 11.1°C/W—
in good agreement with Table 6. Table 3 to Table 5 provide
equivalent thermal resistances for 1V, 5V, and 15V outputs
with and without airflow and heatsinking. Table  6 to
Table 8 provide equivalent thermal resistances for –5V,
–15V and –24V outputs with and without airflow and
heatsinking. The derived thermal resistances in Table 3
to Table 8 for the various conditions can be multiplied
by the calculated power loss as a function of ambient
temperature to derive temperature rise above ambient,
thus maximum junction temperature. Room temperature
power loss can be derived from the efficiency curves
in the Typical Performance Characteristics section and
adjusted with ambient temperature multiplicative factors
from Table 2.
Table 2. Power Loss Multiplicative Factors vs Ambient
Temperature
AMBIENT TEMPERATURE
POWER LOSS MULTIPLICATIVE
FACTOR
Up to 40°C
1.00
50°C
1.05
60°C
1.10
70°C
1.15
80°C
1.20
90°C
1.25
100°C
1.30
110°C
1.35
120°C
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com