Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 51 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 51 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 46Page - Analog Devices LTM8024 Datasheet HTML 47Page - Analog Devices LTM8024 Datasheet HTML 48Page - Analog Devices LTM8024 Datasheet HTML 49Page - Analog Devices LTM8024 Datasheet HTML 50Page - Analog Devices LTM8024 Datasheet HTML 51Page - Analog Devices LTM8024 Datasheet HTML 52Page - Analog Devices LTM8024 Datasheet HTML 53Page - Analog Devices LTM8024 Datasheet HTML 54Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
LTM4655
51
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 52. A DAC-Controlled Bipolar-Output Programmable Power Supply
CINH1
4.7µF
COUTH1
100µF
×2
CD1
4.7µF
1µF
1Ω
RCLKSET
84.5k
1µF
1Ω
COUTH2
100µF
×2
PMEG2005AEL
RTH1
562
CTH1
10nF
CD2
4.7µF
RfSET1
124k
RfSET2
124k
CDGND2
4.7µF
CINOUT2
4.7µF
PMEG2005AEL
0.1µF
0.1µF
0.1µF
10Ω
+
26.7k
10k
10Ω
1nF
0.1µF
0.1µF
26.7k
10k
1nF
+
VIN1
SVIN1
VD1
RUN1
fSET1
INTVCC1
VINREG1
COMP1a
COMP1b
SVINF1
SVINF2
LDOIN
CLKOUT1
CLKIN1
VIN2
SVIN2
VD2
RUN2
fSET2
INTVCC2
VINREG2
COMP2a
COMP2b
CLKOUT2
CLKIN2
MOD
GND
SW1 SW2
NC
VOUT1+
VOSNS1+
SVOUT1–
VOUT1–
PGDFB1
PGOOD1
EXTVCC1
IMON1a
LDOOUT
CLKSET
IMON1b
VOUT2+
VOSNS2+
SVOUT2–
VOUT2–
PGDFB2
PGOOD2
EXTVCC2
IMON2a
TEMP+
IMON2b
TEMP–
ISET1a ISET1b ISET2b ISET2a
LDOOUT
LDOOUT
LOAD1
V
18V TO 24V
VOUT+,
ADJUSTABLE,
3V TO 15V,
UP TO 4A
IN
VOUT–,
ADJUSTABLE,
–3V TO –15V,
UP TO 4A*
*SEE TABLE 6 AND APPLICATIONS INFORMATION SECTION FOR NEGATIVE OUTPUT CURRENT CAPABILITY
**BOTH HALVES OF LT6016 ON SAME SUPPLY
LOAD2
LDOOUT
LTC2632-HZ
SDI
SCK
CS/LD
VCC
GND
VOUTA
VOUTB
SERIAL
BUS
REF
LDOOUT
VOUT–
V+
1/2 LT6016
V–
V–
0.1%
0.1%
|VTARGET(A,B)| = 3.67 • VDACOUT(A,B)
LT1991
REF
OUT
VEE
VCC
P9
P3
P1
M1
M3
M9
V+
1/2 LT6016**
0.1%
0.1%
LTM4655
CINH2
4.7µF
4655 F52
0.1µF
LDOOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com