Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
LTM4655
20
Rev. 0
For more information www.analog.com
CLKSET (F12): Clock Generator Frequency Setting
Resistor Input. Apply a resistor, RCLKSET, between
LDOOUT and CLKSET. The clock frequency of CLKOUT1
and CLKOUT2 is set by RCLKSET, according Equation 3.
f(CLKOUT1, CLKOUT2) = 10MHz•
10kΩ
RCLKSET(kΩ)
(3)
Resistor values between 32.2k and 400k are supported,
corresponding to oscillator frequency settings of 3MHz
to 250kHz, respectively. Minimize stray capacitance to
this pin.
CLKOUT1 (B2): Squarewave Output of Clock Generator for
Channel 1. 180° out-of-phase from CLKOUT2. Minimize
stray capacitance to this pin. Connect CLKOUT1 to
CLKIN1, if desired, to synchronize channel 1 to CLKOUT1.
If 0° phase interleaving is desired, connect CLKOUT1 to
both CLKIN1 and CLKIN2.
CLKOUT2 (B7, C12): Squarewave Output of Clock
Generator for Channel 2. 180° out-of-phase from
CLKOUT1. Minimize stray capacitance to these pins.
Connect CLKOUT2 (pin B7, only) to CLKIN2, if desired,
to synchronize channel 2 to CLKOUT2. If 0° phase inter-
leaving is desired, connect CLKOUT1 to both CLKIN1 and
CLKIN2.
To disable spread spectrum frequency modulation
(SFFM), connect CLKOUT2 (pin C12, only) to the MOD
pin (pin E12) with a short trace.
The CLKOUT2 pins at locations B7 and C12 are electri-
cally connected together by a signal trace internal to the
module. It is pinned out as described purely to facilitate
routing of short traces to CLKIN2 and MOD. CLKOUT2
should be routed with minimal trace lengths. Minimize
stray capacitance to these pins.
MOD (E12): Modulation Setting Input. This three-state
input selects among four modulation rate settings. The
MOD pin should be tied to GND for the fOUT/16 modulation
rate. Leaving the MOD pin open circuit selects the fOUT/32
modulation rate. The MOD pin should be electrically
connected to LDOOUT for the fOUT/64 modulation rate.
Electrically connecting CLKOUT2 (pin C12, only) to the
MOD pin (pin E12) turns the modulation off. Do not route
high speed digital logic or signals with fast edges near
MOD. Be advised that the fOUT/16, fOUT/32 and fOUT/64
modulation rates are not explicitly tested in factory ATE
to demonstrate their stated typical modulation rates; the
modulation off setting, however, is.
NC (J1–2, J11–12): No Connect Pins, i.e., Pins with No
Internal Connection. The NC pins predominantly serve to
provide improved mounting of the module to the board.
For drop-in compatibility of the LTM4651/LTM4653 into
either half of a LTM4655 layout, these NC are recom-
mended to be left electrically open circuit.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com