Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 1 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LTM4655
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
EN55022B Compliant 40V, Dual 4A or Single 8A Step-
Down or 50W Inverting µModule Regulator
The LTM®4655 is an ultralow noise 40V, dual 4A or single
8A DC/DC μModule® regulator designed to meet the radi-
ated emissions requirements of EN55022. Its channels
are fully independent, parallelable and capable of deliver-
ing positive or negative output polarity. Conducted emis-
sion requirements can be met by adding standard filter
components. Included in the package are the switching
controllers, power MOSFETs, inductors, filters and sup-
port components. A 5V, 25mA LDO and clock generator
enable phase interleaving of the power switching stages,
for improved EMC performance.
The LTM4655 can regulate positive VOUTn+ voltages
between 0.5V and 26.5V from a 3.1V to 40V input. The
LTM4655 can regulate negative VOUTn– voltages between
–0.5V and –26.5V from a maximum input range of 3.6V to
40V, with the span from VINn to VOUTn– not to exceed 40V. A
switching frequency range of 250kHz to 3MHz is supported.
The LTM4655 is offered in a 16mm × 16mm × 5.01mm
BGA package with SnPb or RoHS compliant terminal finish.
Concurrent, ±12V Output DC/DC μModule Regulator*
APPLICATIONS
n
Dual 4A/Single 8A Low EMI Switch Mode Power Supply
n
EN55022 Class B Compliant
n
Two Fully Independent Channels, Each
Configurable for Positive or Negative Output
Voltage Polarity
n
Output Voltage Range: 0.5V ≤ |VOUTn+ – VOUTn–| ≤ 26.5V
n
Wide Input Voltage Range: Up to 40V
n
3.1V or 3.6V Start-Up, Configuration-Dependent
n
±1.67% Total DC Output Voltage Error Over Line,
Load and Temperature
n
Analog Output Current Indicator (Positive-VOUT Only)
n
LDOOUT: 5V Fixed, 25mA Capable LDO
n
Parallelable with LTM4651/LTM4653
n
Constant-Frequency Current Mode Control
n
Power Good Indicators and Programmable Soft-Start
n
Overcurrent and Overtemperature Protection
n
16mm × 16mm × 5.01mm BGA Package
n
Automated Test and Measurement
n
Avionics and Industrial Control Systems
n
Video, Imaging and Instrumentation
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5481178, 5705919, 5847554, 6580258.
Output Voltage Start-Up Waveforms
4.7 F
4.7 F
VIN
13V TO 28V
124k
4.7 F
4.7 F
240k
4655 TA01a
LOAD1
22µF
×2
12VOUT
UP TO 4A
5VOUT
UP TO 25mA
CHANNEL 1 ANALOG OUTPUT
CURRENT INDICATOR
VIMON1 = 0.25 • IOUT1
LOAD2
47µF
×2
IOUT1
IOUT2
* FOR COMPLETE CIRCUIT, SEE FIGURE 50.
** FOR CHANNELS CONFIGURED TO REGULATE NEGATIVE VOUTn−: CURRENT LIMIT FREQUENCY-FOLDBACK INCEPTION IS
A FUNCTION OF VINn, VOUTn-, AND fSWn. CONTINUOUS OUTPUT CURRENT CAPABILITY IS SUBJECT TO DETAILS OF
APPLICATION IMPLEMENTATION. SEE NOTES 2 AND 3 AND THE APPLICATIONS INFORMATION SECTION, FOR DETAILS.
124k
240k
–12VOUT
UP TO 2.9A**
VIN1
VD1
SVIN1
fSET1
VIN2
SVIN2
VD2
fSET2
ISET1a
ISET1b
ISET2a
ISET2b
GND
IMON1b
IMON1a
LDOOUT
LTM4655
VOUT1–
SVOUT1–
VOUT1+
VOSNS1+
VOUT2–
SVOUT2–
VOUT2+
VOSNS2+
2ms/DIV
VOUT1+
5V/DIV
VOUT2–
5V/DIV
PGOOD1,2
5V/DIV
RUN1,2
5V/DIV
4655 TA01b


Similar Part No. - LTM8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8024 AD-LTM8024 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8024 AD-LTM8024 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
LTM8024 AD-LTM8024 Datasheet
1Mb / 43P
Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
Rev. 0
More results

Similar Description - LTM8024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com