Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices LTM8024 Datasheet HTML 30Page - Analog Devices LTM8024 Datasheet HTML 31Page - Analog Devices LTM8024 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
LTM4655
28
Rev. 0
For more information www.analog.com
Power Module Protection
The LTM4655’s current mode control architecture pro-
vides fast cycle-by-cycle current limit in an overcur-
rent condition, as shown in the Typical Performance
Characteristics section. If the output voltage collapses
sufficiently due to an overload or short-circuit condition,
minimum on-time will be violated and the internal oscil-
lator will then fold-back automatically to one-fifth of the
LTM4655’s programmed switching frequency—thereby
reducing the output current and affording the load a
chance to recover.
The LTM4655 ceases channel
n switching action if the
channel’s internal temperatures exceed 165°C. The chan-
nel’s control IC resumes operation after a 10°C cool-down
hysteresis. Note that these typical parameters are based
on measurements in a lab oven and are not production
tested. This overtemperature protection is intended to
protect the device during momentary overload condi-
tions. The maximum rated junction temperature will be
exceeded when this overtemperature protection is active.
Continuous operation above the specified absolute maxi-
mum operating junction temperature may impair device
reliability or permanently damage the device. See Note 1
of the Electrical Characteristics table.
The LTM4655 does not feature any specialized output
overvoltage protection beyond what is inherent to the
control loop’s servo mechanism.
RUN Pin Enable
The RUN
n pin is used to enable the power module or
sequence the power module. The threshold is 1.2V. The
RUN
n pin can be used to provide an undervoltage lockout
(UVLO) function by connecting a resistor divider from
the input supply to the RUN
n pin, as shown in Figure 2.
Undervoltage lockout keeps channel
n of the LTM4655
in shutdown until the supply input voltage is above a
certain voltage programmed by the user. The RUN
n pin
hysteresis voltage prevents noise from falsely tripping
UVLO. Resistors are chosen by first selecting RBn (refer
to Figure 2 and Equation 14). Then:
RUN
n PIN
RAn
RBn
VSUPPLY
4655 F02
Figure 2. Undervoltage Lockout Resistive Divider
RAn =RBn •
VINn(ON)
1.2V
–1
⎛
⎝⎜
⎞
⎠⎟
(14)
where VINn(ON) is the input voltage at which the under-
voltage lockout is overcome and the supply turns on. The
VINn turn-off voltage, VINn(OFF) is given by Equation 15.
VINn(OFF) =1.07V •
RAn
RBn
+1
⎛
⎝⎜
⎞
⎠⎟
(15)
If UVLO is not needed, RUN
n can be connected to
LTM4655’s LDOOUT pin.
When RUN
n is below its threshold, UVLO of channel n
is engaged, MTn and MBn are turned off, INTVCCn ceases
to be regulated, and ISET
na is discharged to SVOUTn– by
internal circuitry.
Loop Compensation
External loop compensation may be preferred for some
applications and can be implemented easily, as follows:
leave COMP
nb open circuit; connect a series-RC net-
work RTHn and CTHn from COMPnb to SVOUTn–; in some
instances, connect a capacitor (CTHPn) from COMPna to
SVOUTn– (paralleling the RTHn–CTHn series-RC network).
See Table  10 for suggested input and output capaci-
tances for a variety of operating conditions. Additionally,
the LTpowerCAD design tool is available for transient and
stability analysis.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com