Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 44 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 40Page - Analog Devices LTM8024 Datasheet HTML 41Page - Analog Devices LTM8024 Datasheet HTML 42Page - Analog Devices LTM8024 Datasheet HTML 43Page - Analog Devices LTM8024 Datasheet HTML 44Page - Analog Devices LTM8024 Datasheet HTML 45Page - Analog Devices LTM8024 Datasheet HTML 46Page - Analog Devices LTM8024 Datasheet HTML 47Page - Analog Devices LTM8024 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
LTM4655
44
Rev. 0
For more information www.analog.com
Figure 31. 5V to –5VOUT Derating
Curve, with BGA Heat Sink
Figure 32. 12V to –5VOUT Derating
Curve, with BGA Heat Sink
Figure 33. 24V to –5VOUT Derating
Curve, with BGA Heat Sink
APPLICATIONS INFORMATION—DERATING CURVES SettingsperTable 11andTable 12.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Curve, with BGA Heat Sink
4655 F31
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.80
1.60
2.40
3.20
4.00
4.80
5.60
6.40
Curve, with BGA Heat Sink
4655 F32
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1.10
2.20
3.30
4.40
5.50
6.60
7.70
Curve, with BGA Heat Sink
4655 F33
Figure 35. 12V to –15VOUT
Derating Curve, No Heat Sink
Figure 34. 5V to –15VOUT
Derating Curve, No Heat Sink
Figure 36. 24V to –15VOUT
Derating Curve, No Heat Sink
Figure 37. 5V to –15VOUT Derating
Curve, with BGA Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
Curve, No Heat Sink
4655 F34
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Curve, No Heat Sink
4655 F35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
Curve, No Heat Sink
4655 F36
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
Curve, with BGA Heat Sink
4655 F37
Figure 29. 12V to –5VOUT
Derating Curve, No Heat Sink
Figure 30. 24V to –5VOUT
Derating Curve, No Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.80
1.60
2.40
3.20
4.00
4.80
5.60
6.40
Curve, No Heat Sink
4655 F29
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1.10
2.20
3.30
4.40
5.50
6.60
7.70
Curve, No Heat Sink
4655 F30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com