Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8024
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 2 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
LTM4655
2
Rev. 0
For more information www.analog.com
Features..................................................... 1
Applications ................................................ 1
Typical Application ........................................ 1
Description.................................................. 1
Absolute Maximum Ratings.............................. 3
Pin Configuration .......................................... 3
Order Information.......................................... 4
Electrical Characteristics................................. 4
Typical Performance Characteristics ..................10
Pin Functions ..............................................14
Simplified Block Diagram ...............................21
Test Circuit.................................................22
Decoupling Requirements...............................23
Operation...................................................24
Power Module Overview......................................... 24
VIN to VOUT Conversion Ratios................................25
Input Capacitors, Positive-VOUT Operation .............25
Output Capacitors, Positive-VOUT Operation...........26
Forced Continuous Operation .................................26
Output Voltage Programming, Tracking and
Soft-Start................................................................26
Frequency Adjustment ............................................27
Applications Information ................................28
Power Module Protection .......................................28
RUN Pin Enable.......................................................28
Loop Compensation................................................28
Hot Plugging Safely ................................................29
Input Disconnect/Input Short Considerations.........29
INTVCCn and EXTVCCn Connection.........................29
Multiphase Operation..............................................30
Negative Output Current Capability Varies as a
Function of VINn to VOUTn– Conversion Ratios,
Negative-VOUT– Operation.......................................31
Input Capacitors, Negative-VOUT– Operation...........32
Output Capacitors, Negative-VOUT– Operation ........33
Optional Diodes to Guard Against Overstress,
Negative-VOUT– Operation.......................................33
Frequency Adjustment, Negative-VOUT– Operation .34
Radiated EMI Noise ................................................35
Thermal Considerations and Output Current
Derating..................................................................35
Safety Considerations.............................................46
Layout Checklist/Example ......................................46
Typical Applications ......................................49
Package Description .....................................52
Package Photograph .....................................54
Design Resources ........................................54
Related Parts ..............................................54
TABLE OF CONTENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com