Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 15Page - Microchip Technology MCP39F511N Datasheet HTML 16Page - Microchip Technology MCP39F511N Datasheet HTML 17Page - Microchip Technology MCP39F511N Datasheet HTML 18Page - Microchip Technology MCP39F511N Datasheet HTML 19Page - Microchip Technology MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 19
MCP39F511N
4.6
Command Descriptions
4.6.1
REGISTER READ, N BYTES (0x4E)
The Register Read, N Bytes command returns
the N bytes that follow whatever the current address
pointer is set to. It should typically follow a Set
Address
Pointer
command and can be used in
conjunction
with
other
read
commands. An
Acknowledge, Data and Checksum is the response for
this command. The maximum number of bytes that can
be read with this command is 32. If there are other read
commands within a frame, the maximum number of
bytes that can be read is 32 minus the number of bytes
being read in the frame. With this command, the data is
returned LSB first.
4.6.2
REGISTER WRITE, N BYTES (0x4D)
The Register
Write,
N
Bytes
command is
followed by N bytes that will be written to whatever the
current address pointer is set to. It should typically
follow a Set Address Pointer command and can
be used in conjunction with other write commands. An
Acknowledge is the response for this command. The
maximum number of bytes that can be written with this
command is 32. If there are other write commands
within a frame, the maximum number of bytes that can
be written is 32 minus the number of bytes being
written in the frame. With this command, the data is
written LSB first.
4.6.3
SET ADDRESS POINTER (0x41)
This command is used to set the address pointer for all
read and write commands. This command is expecting
the address pointer as the command parameter in the
following two bytes: Address High Byte followed by
Address Low Byte. The address pointer is two bytes in
length. If the address pointer is within the acceptable
addresses of the device, an Acknowledge will be
returned.
4.6.4
SAVE REGISTERS TO FLASH (0x53)
The Save Registers To Flash command makes
a copy of all the calibration and configuration registers
to flash. This includes all R/W registers in the register
set. The response to this command is an Acknowledge.
4.6.5
PAGE READ EEPROM (0x42)
The Page Read EEPROM command returns 16 bytes
of data that are stored in an individual page on the
MCP39F511N. A more complete description of the
memory organization of the EEPROM can be found in
Section 10.0 “EEPROM”. This command is expecting
the EEPROM page as the command parameter or the
following byte. The response to this command is an
Acknowledge, 16-bytes of data and CRC Checksum.
4.6.6
PAGE WRITE EEPROM (0x50)
The Page Write EEPROM command is expecting
17 additional bytes in the command parameters, which
are the EEPROM page plus 16 bytes of data. A more
complete description of the memory organization of the
EEPROM can be found in Section 10.0 “EEPROM”.
The response to this command is an Acknowledge.
4.6.7
BULK ERASE EEPROM (0x4F)
The Bulk Erase EEPROM command will erase the
entire EEPROM array and return it to a state of 0xFFFF
for each memory location of EEPROM. A more
complete description of the memory organization of the
EEPROM can be found in Section 10.0 “EEPROM”.
The response to this command is Acknowledge.
4.6.8
AUTO-CALIBRATE GAIN (0x5A)
The Auto-Calibrate Gain command initiates the
single-point calibration that is all that is typically
required for the system. This command calibrates the
RMS current, RMS voltage and Active power based on
the target values written in the corresponding registers.
The instruction parameter for this command selects if
you are calibrating channel 1, 2 or both. Bit 0
corresponds to channel 1 and bit 1 corresponds to
channel
2.
See
Section 9.0
“MCP39F511N
Calibration”
for
more
information
on
device
calibration. The response to this command is
Acknowledge.
TABLE 4-11:
AUTO-CALIBRATE FREQUENCY COMMAND
Byte #
Value
Description
Response from
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x76
Command (Auto-Calibrate Frequency)
4
0x1F
Checksum
ACK (or NAK if unable to calibrate)(1)
Note 1: See Section 9.0 “MCP39F511N Calibration” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com