Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology MCP39F511N Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 33
MCP39F511N
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER
U-0
U-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
—
—
PGA_CH2<2:0>
PGA_CH1<2:0>
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UART<2:0>
ZCD_INV
ZCD_PULS
ZCD_OUTPUT_DIS
ENERGY2
ENERGY1
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
PWM
RESET<1:0>
SHUTDOWN<1:0>
VREFEXT
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-30
Unimplemented: Read as ‘0’
bit 29-27
PGA_CH2 <2:0>: PGA Setting for channel 2
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8 (Default)
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 26-24
PGA_CH1 <2:0>: PGA Setting for channel 1
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8 (Default)
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 23-16
Unimplemented: Read as ‘0’
bit 15-13
UART<2:0>: UART Baud Rate bits
111
=
1200
110
=
2400
101
=
4800
100
=
9600
011
= 19200
010
= 38400
001
= 57600
000
= 115200 (Default)
bit 12
ZCD_INV: Zero Crossing Detection Output Inverse
1
= ZCD is inverted
0
= ZCD is not inverted (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com