Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology MCP39F511N Datasheet HTML 26Page - Microchip Technology MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 26
MCP39F511N
5.10
Zero Crossing Detection (ZCD)
The zero crossing detection block generates a logic
pulse output on the ZCD pin that is coherent with the
zero crossing of the input AC signal present on voltage
input pin (V+). The ZCD pin can be enabled and
disabled by the corresponding bit in the System
Configuration Register. When enabled, this produces a
square wave with a frequency that is the same as the
AC signal present on the voltage input. Figure 5-6
represents the signal on the ZCD pin superimposed
with the AC signal present on the voltage input in this
mode.
FIGURE 5-6:
Zero Crossing Detection
Operation (Non-Inverted, Non-Pulse).
A second mode is available that produces a
100 µs pulse. The frequency here is twice that of the
AC signal on the voltage channel input, at each zero
crossing, as shown in Figure 5-7.
FIGURE 5-7:
Zero Crossing Detection
Operation (Non-Inverted, Pulsed).
Switching modes is done by setting the corresponding
bit in the System Configuration Register.
In addition, either the toggling of this pin, or the pulse,
can be inverted. The ZCD Inversion bit is also in the
System Configuration register.
There are two bits in the System Configuration register
that can be used to modify the zero crossing. The zero
crossing output can be inverted by setting the inversion
bit, or the zero crossing can be a 100 µs pulse at each
zero crossing by setting the pulse bit.
Note that a low-pass filter is included in the signal path
that allows the zero crossing detection circuit to filter
out
the
fundamental
frequency. An
internal
compensation circuit is then used to gain back the
phase delay introduced by the low-pass filter resulting
in a latency of less than ±200 µs.
<200 µs
<200 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com