| Electronic Components Datasheet Search |
|
MCP39F511N Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP39F511N Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 61 page ![]() 2015-2018 Microchip Technology Inc. DS20005473B-page 29 MCP39F511N 0x00C2 Calibration Current2 9.3.1 R/W u32 Target Current to be used during single-point calibration, channel 2 0x00C6 Calibration Power Active2 9.3.1 R/W u32 Target Active Power to be used during single-point calibration Channel 2 0x00CA Calibration Power Reactive2 9.3.1 R/W u32 Target Active Power to be used during single-point calibration, channel 2 0x00CE Voltage Sag Limit 7.2 R/W u16 RMS Voltage Sag threshold at which an event flag is recorded 0x00D0 Voltage Surge Limit 7.2 R/W u16 RMS Voltage Surge threshold at which an event flag is recorded 0x00D2 Over Current1 Limit 7.2 R/W u32 RMS Over Current threshold for channel 1 at which an event flag is recorded 0x00D6 Over Current2 Limit 7.2 R/W u32 RMS Over Current threshold for channel 2 at which an event flag is recorded 0x00DA OverPower1 Limit 7.2 R/W u32 Over Power threshold for channel 1 at which an event flag is recorded 0x00DE OverPower2 Limit 7.2 R/W u32 Over Power threshold for channel 2 at which an event flag is recorded Control Registers for Peripherals 0x00E2 PWM Period 8.2 R/W u16 Input register controlling PWM Frequency 0x00E4 PWM Duty Cycle 8.3 R/W u16 Input register controlling PWM Duty Cycle 0x00E6 Reserved — — u16 Reserved 0x00E8 Reserved — — u16 Reserved 0x00EA VoltagePhaseCompFreqCoef — — u16 Phase Compensation Frequency Coefficient 0x00EC RangeVoltageChPhaseComp- Freq —— u16 Voltage Channel Phase Frequency Compensation Range 0x00EE GainActivePowerCompFre- qCoef —— u16 Active Power Gain Frequency Compensation Coefficient 0x00F0 RangeGainActivePowerComp- Freq —— u16 Active Power Gain Frequency Compensation Range 0x00F2 GainReactivePowerCompFreq — — u16 Reactive Power Gain Frequency Compensation Coefficient 0x00F4 RangeGainReactivePower- CompFreq —— u16 Reactive Power Gain Frequency Compensation Range 0x00F6 GainVoltageRMSCompFre- qCoef —— u16 RMS Voltage Gain Frequency Compensation Coefficient 0x00F8 RangeGainVoltageRMSComp- Freq —— u16 RMS Voltage Gain Frequency Compensation Range 0x00FA GainCurrentRMSCompFre- qCoef —— u16 RMS Current Gain Frequency Compensation Coefficient 0x00FC RangeGainCurrentRMSComp- Freq —— u16 RMS Current Gain Frequency Compensation Range 0x00FE No Load Threshold 5.6.1 R/W u16 No Load Threshold for Energy Counting (both channels, all registers) TABLE 6-1: MCP39F511N REGISTER MAP (CONTINUED) Address Register Name Section Number Read/ Write Data type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |