Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 26Page - Microchip Technology MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 30
MCP39F511N
6.2
Address Pointer Register
This unsigned 16-bit register contains the address to
which all read and write instructions occur. This register
is only written through the Set Address Pointer
command and is otherwise outside the writable range
of register addresses.
6.3
System Status Register
The System Status register is a read-only register and
can be used to detect the various states of pin levels as
defined in Register 6-1.
REGISTER 6-1:
SYSTEM STATUS REGISTER
U-0
U-0
U-0
R-x
R-n
R-n
R-x
R-n
—
—
—
AC_STATUS
EVENT2
EVENT1
OVER-
POW2
OVERCURR2
bit 15
bit 8
R-n
R-n
R-n
R-n
R-n
R-n
R-n
R-n
SIGN_PR
_CH2
SIGN_PA_
CH2
SIGN_PR_C
H1
SIGN_PA_C
H1
OVERPOW1
OVER-
CURR1
VSURGE
VSAG
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
AC_STATUS: AC Detection Status
1
= AC Detection failed.
0
= AC Detection successful.
bit 11
EVENT2: State of Event2 Detection algorithm. This bit is latched and must be cleared.
1
= Event 2 has occurred.
0
= Event 2 has not occurred.
bit 10
EVENT1: State of Event1 Detection algorithm. This bit is latched and must be cleared.
1
= Event 1 has occurred.
0
= Event 1 has not occurred.
bit 9
OVERPOW2: Over Power, channel 2. An over power event has occurred on channel 2.
1
= Over Power threshold has been broken
0
= Over Power threshold has not been broken
bit 8
OVERCURR2: Over Current, channel 2. An over current event has occurred on channel 2.
1
= Over current threshold has been broken
0
= Over current threshold has not been broken
bit 7
SIGN_PR_CH2: Sign of Reactive Power Channel 2 (inductive/capacitive state of the reactive power)
1
= Reactive Power is inductive and is in quadrants 1,2
0
= Reactive Power is capacitive and is in quadrants 3,4
bit 6
SIGN_PA_CH2: Sign of Active Power Channel 2 (import/export sign of active power)
1
= Active Power is positive (import) and is in quadrants 1,4
0
= Active Power is negative (export) and is in quadrants 2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com