Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology MCP39F511N Datasheet HTML 37Page - Microchip Technology MCP39F511N Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 34
MCP39F511N
bit 11
ZCD_PULS: Zero Crossing Detection Pulse mode
1
= ZCD output is 200 µs pulses on zero crossings
0
= ZCD output changes logic state on zero crossings (Default)
bit 10
ZCD_OUTPUT_DIS: Disable the Zero Crossing output pin
1
= ZCD output is disabled
0
= ZCD output is enabled (Default)
bit 9
ENERGY2: Energy counting control, channel 2
1
= Energy Counting for channel 2 is enabled
0
= Energy Counting for channel 2 is reset and disabled (Default)
bit 8
ENERGY1: Energy counting control, channel 1
1
= Energy Counting for channel 1 is enabled
0
= Energy Counting for channel 1 is reset and disabled (Default)
bit 7
PWM: PWM Control
1
= PWM Output is enabled
0
= PWM Output is disabled (Default)
bit 6-5
RESET <1:0>: Reset mode setting for current measurement ADCs
11
= Both I1 and I2 are in Reset mode
10
= I2 ADC is in Reset mode
01
= I1 ADC is in Reset mode
00
= Neither ADC is in Reset mode (Default)
bit 4-3
SHUTDOWN <1:0>: Shutdown mode setting for current measurement ADCs
11
= Both I1 and I2 are in Shutdown
10
= I2 ADC is in Shutdown
01
= I1 ADC is in Shutdown
00
= Neither ADC is in Shutdown (Default)
bit 2
VREFEXT: Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled
0
= Internal Voltage Reference Enabled (Default)
bit 1-0
Unimplemented: Read as ‘0’
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com