Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 53Page - Microchip Technology MCP39F511N Datasheet HTML 54Page - Microchip Technology MCP39F511N Datasheet HTML 55Page - Microchip Technology MCP39F511N Datasheet HTML 56Page - Microchip Technology MCP39F511N Datasheet HTML 57Page - Microchip Technology MCP39F511N Datasheet HTML 58Page - Microchip Technology MCP39F511N Datasheet HTML 59Page - Microchip Technology MCP39F511N Datasheet HTML 60Page - Microchip Technology MCP39F511N Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
 2015-2017 Microchip Technology Inc.
DS20005473B-page 58
MCP39F511N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.
Device:
MCP39F511N: Dual-Channel Single-Phase
Power-Monitoring IC with Calculation
Tape and Reel Option: Blank = Standard packaging (tube or tray)
T
= Tape and Reel (1)
Temperature Range:
E
= -40°C to +125°C
Package:
MQ
= Plastic Quad Flat, No Lead Package
5x5x0.9 mm body (QFN), 28-lead
Examples:
a) MCP39F511N-E/MQ:
Extended temperature,
28LD 5x5 QFN package
b) MCP39F511NT-E/MQ: Tape and Reel,
Extended temperature,
28LD 5x5 QFN package
PART NO.
X
Temperature
Range
Device
/XX
Package
[X](1)
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com