Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 20Page - Microchip Technology MCP39F511N Datasheet HTML 21Page - Microchip Technology MCP39F511N Datasheet HTML 22Page - Microchip Technology MCP39F511N Datasheet HTML 23Page - Microchip Technology MCP39F511N Datasheet HTML 24Page - Microchip Technology MCP39F511N Datasheet HTML 25Page - Microchip Technology MCP39F511N Datasheet HTML 26Page - Microchip Technology MCP39F511N Datasheet HTML 27Page - Microchip Technology MCP39F511N Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 24
MCP39F511N
5.6
Energy Accumulation
Energy accumulation for all four energy registers
(import/export, active/reactive) occurs at the end of
each computation cycle if the energy accumulation has
been
turned
on.
See
Section 6.5
“System
Configuration Register” for the energy-control bits.
The accumulation of energy occurs in one of eight
64-bit energy counters, four for each channel (import
and export counters for both active and reactive
power).
5.6.1
NO-LOAD THRESHOLD
The no-load threshold is set by modifying the value in
the No-Load Threshold register. The unit for this
register is power with a default resolution of 0.01W. The
default value is 100 or 1.00W. Any power that is below
1W will not be accumulated into any of the energy
registers.
For scaling of the apparent power indication, the calcu-
lation engine uses the Apparent Power Divisor register.
This is described in the following register operations,
per Equation 5-4.
EQUATION 5-4:
APPARENT POWER (S)
5.7
Active Power (P)
The MCP39F511N has three simultaneous sampling
A/D converters monitoring two individual currents and
two individual active powers. For the Active Power cal-
culations, the instantaneous currents and voltage are
multiplied together to create instantaneous power. This
instantaneous power is then converted to Active Power
by averaging or calculating the DC component.
Equation 5-5 controls the number of samples used in
this accumulation prior to updating the Active Power
output register.
Please note that although this register is unsigned, the
direction of the Active power (import or export) can be
determined by the Active Power Sign bit located in the
System Status Register.
EQUATION 5-5:
ACTIVE POWER
FIGURE 5-4:
Channel 1 or Channel 2 Active Power Calculation Signal Flow.
S
CurrentRMS
VoltageRMS
10
ApparentPowerDivisor
---------------------------------------------------------------------
=
P
1
2
N
-------V
k
I
k
k0
=
k2
N
1
–
=
=
OffsetActivePower1,2:s32
X
ActivePower1,2:u32
+
+
X
GainActivePower1,2:u16
Range1,2:b32
ACCU
0
2N
-1
÷ 2N
÷2RANGE
iN
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com