Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology MCP39F511N Datasheet HTML 37Page - Microchip Technology MCP39F511N Datasheet HTML 38Page - Microchip Technology MCP39F511N Datasheet HTML 39Page - Microchip Technology MCP39F511N Datasheet HTML 40Page - Microchip Technology MCP39F511N Datasheet HTML 41Page - Microchip Technology MCP39F511N Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 38
MCP39F511N
7.5
Event Configuration Register
The Event Configuration register is used to control the
event operations and the event pins and to give event
and calibration status.
REGISTER 7-1:
EVENT CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CAL_PR2
CAL_PR1
CAL_PA2
CAL_PA1
CAL_CURR
2
CAL_CURR
1
CAL_VOLT
CAL_LF
bit 31
bit 24
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OVER-
POW_PIN2
OVER-
CUR_PIN2
VSURGE_PI
N2
VSAG_PIN2
OVER-
POW_PIN1
OVER-
CUR_PIN1
VSURGE_PI
N1
VSAG_PIN1
bit 23
bit 16
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
EVENT2_MA
NU
EVENT1_MA
NU
—
—
OVER-
CUR_CL
OVER-
POW_CL
VSURGE_C
L
VSAG_CL
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VSUR_LA
VSAG_LA
OVER-
POW_LA
OVER-
CUR_LA
VSUR_TST
VSAG_TST
OVER-
POW_TST
OVER-
CUR_TST
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
CAL_PR2: Single-Point Calibration Result for Reactive Power, channel 2
1 = Calibration Failed
0 = Calibration Successful
bit 30
CAL_PR1: Single-Point Calibration Result for Reactive Power, channel 1
1 = Calibration Failed
0 = Calibration Successful
bit 29
CAL_PA2: Single-Point Calibration Result for Active Power, channel 2
1 = Calibration Failed
0 = Calibration Successful
bit 28
CAL_PA1: Single-Point Calibration Result for Active Power, channel 1
1 = Calibration Failed
0 = Calibration Successful
bit 27
CAL_CURR2: Single-Point Calibration Result for RMS Current, channel 2
1 = Calibration Failed
0 = Calibration Successful
bit 26
CAL_CURR1: Single-Point Calibration Result for RMS Current, channel 1
1 = Calibration Failed
0 = Calibration Successful
bit 25
CAL_VOLT: Single-Point Calibration Result for RMS Voltage
1 = Calibration Failed
0 = Calibration Successful



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com