Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F511N Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 28Page - Microchip Technology MCP39F511N Datasheet HTML 29Page - Microchip Technology MCP39F511N Datasheet HTML 30Page - Microchip Technology MCP39F511N Datasheet HTML 31Page - Microchip Technology MCP39F511N Datasheet HTML 32Page - Microchip Technology MCP39F511N Datasheet HTML 33Page - Microchip Technology MCP39F511N Datasheet HTML 34Page - Microchip Technology MCP39F511N Datasheet HTML 35Page - Microchip Technology MCP39F511N Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 32
MCP39F511N
6.5.2
24-BIT ADC RESET MODE
(SOFT RESET MODE)
24-bit ADC Reset mode (also called Soft Reset) can
only be entered by setting high the RESET<1:0> bits in
the System Status Register. This mode is defined as
the condition where the converters are active but their
output is forced to ‘0’.
6.5.3
ADC SHUTDOWN MODE
ADC Shutdown mode is defined as a state where the
converters and their biases are OFF, consuming only
leakage current. When the Shutdown bit is reset to ‘0’,
the analog biases will be enabled, as well as the clock
and the digital circuitry.
Each converter can be placed in Shutdown mode
independently. This mode is only available through
programming of the SHUTDOWN<1:0> bits in the
System Status Register.
6.5.4
VREF TEMPERATURE
COMPENSATION
The internal voltage reference comprises a proprietary
circuit and algorithm to compensate first-order and
second-order
temperature
coefficients.
The
compensation allows very low temperature coefficients
(typically 10 ppm/°C)
on the entire range of
temperatures from -40°C to +125°C. This temperature
coefficient varies from part to part.
The default value of this register is set to 0x42. The
typical variation of the temperature coefficient of the
internal voltage reference, with respect to VREFCAL
register code, is shown in Figure 6-1.
FIGURE 6-1:
VREF Tempco vs. VREFCAL
Trimcode Chart.
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com