Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 243 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 243 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 239Page - Advanced Micro Devices SC3200 Datasheet HTML 240Page - Advanced Micro Devices SC3200 Datasheet HTML 241Page - Advanced Micro Devices SC3200 Datasheet HTML 242Page - Advanced Micro Devices SC3200 Datasheet HTML 243Page - Advanced Micro Devices SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
243
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
4
PME Edge/Level Select. Selects the type (edge or level) of the signal that issues a PME from the selected GPIO signal.
0: Edge input. (Default)
1: Level input.
For normal operation, always set this bit to 0 (edge input). Erratic system behavior results if this bit is set to 1.
See the note in the description of this register for more information about the default value of this bit.
3
Lock. This bit locks the selected GPIO signal. Once this bit is set to 1 by software, it can only be cleared to 0 by power on
reset or by WATCHDOG reset.
0: No effect. (Default)
1: Direction, output type, pull-up and output value locked.
2
Pull-Up Control. Enables/disables the internal pull-up capability of the selected GPIO signal. It supports open-drain output
signals with internal pull-ups and TTL input signals.
0: Disable.
1: Enable. (Default)
Bits [1:0] of this register must = 01 for this bit to have effect.
1
Output Type. Controls the output buffer type (open-drain or push-pull) of the selected GPIO signal.
0: Open-drain. (Default)
1: Push-pull.
Bit 0 of this register must be set to 1 for this bit to have effect.
0
Output Enable. Indicates the GPIO signal output state. It has no effect on input.
0: TRI-STATE - Setting for GPIO to function as an input only. (Default)
1: Output enabled.
Offset 28h-2Bh
GPIO Reset Control Register (R/W)
Reset Value: 00000000h
31:1
Reserved. Must be set to 0.
0
GPIO Reset. Reset the GPIO logic.
0: Disable.
1: Enable.
Write 0 to clear.
This bit is level-sensitive and must be cleared after the reset is enabled (normal operation requires this bit to be 0).
Table 6-30. F0BAR0+I/O Offset: GPIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com