Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 245 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 245 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 241Page - Advanced Micro Devices SC3200 Datasheet HTML 242Page - Advanced Micro Devices SC3200 Datasheet HTML 243Page - Advanced Micro Devices SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices SC3200 Datasheet HTML 249Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
245
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
8
IRQ8# Source. Selects the interface source of the IRQ8# signal.
0: ISA - IRQ8# internal signal. (Connected to internal RTC.)
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
7
IRQ7 Source. Selects the interface source of the IRQ7 signal.
0: ISA - IRQ7 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
6
IRQ6 Source. Selects the interface source of the IRQ6 signal.
0: ISA - IRQ6 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
5
IRQ5 Source. Selects the interface source of the IRQ5 signal.
0: ISA - IRQ5 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
4
IRQ4 Source. Selects the interface source of the IRQ4 signal.
0: ISA - IRQ4 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
3
IRQ3 Source. Selects the interface source of the IRQ3 signal.
0: ISA - IRQ3 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
2
Reserved. Must be set to 0.
1
IRQ1 Source. Selects the interface source of the IRQ1 signal.
0: ISA - IRQ1 (unavailable externally).
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
0
IRQ0 Source. Selects the interface source of the IRQ0 signal.
0: ISA - IRQ0 Internal signal. (Connected to OUT0, System Timer, of the internal 8254 PIT.)
1: LPC - SERIRQ (EBGA ball AL8; TEPBGA ball J31).
Offset 04h-07h
SERIRQ_LVL — Serial IRQ Level Control Register (R/W)
Reset Value: 00000000h
31:21
Reserved.
20
INTD# Polarity. If LPC is selected as the interface source for INTD# (F0BAR1+I/O Offset 00h[20] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
19
INTC# Polarity. If LPC is selected as the interface source for INTC# (F0BAR1+I/O Offset 00h[19] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
18
INTB# Polarity. If LPC is selected as the interface source for INTB# (F0BAR1+I/O Offset 00h[18] = 1), this bit allows signal
polarity selection.
0:
Active high.
1:
Active low.
17
INTA# Polarity. If LPC is selected as the interface source for INTA# (F0BAR1+I/O Offset 00h[17] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
16
Reserved. Must be set to 0.
15
IRQ15 Polarity. If LPC is selected as the interface source for IRQ15 (F0BAR1+I/O Offset 00h[15] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com