Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 249 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 249 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices SC3200 Datasheet HTML 249Page - Advanced Micro Devices SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices SC3200 Datasheet HTML 252Page - Advanced Micro Devices SC3200 Datasheet HTML 253Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
249
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
1
LPC Serial Port 0 Addressing. Serial Port 0 addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[4:2].
0
LPC Parallel Port Addressing. Parallel Port addresses. See bit 16 for decode.
Address selection made via F0BAR1+I/O Offset 14h[1:0].
Offset 14h-17h
LAD_D0 — LPC Address Decode 0 Register (R/W)
Reset Value: 00080020h
31:23
Reserved.
22:19
LPC Game Port 1 Address Select. Selects I/O Port:
0000: 200h
0100: 204h
1000: 208h
1100: 20Ch
0001: 201h
0101: 205h
1001: 209h
1101: 20Dh
0010: 202h
0110: 206h
1010: 20Ah
1110: 20Eh
0011: 203h
0111: 207h
1011: 20Bh
1111: 20Fh
Selected address range is enabled via F0BAR1+I/O Offset 10h[8].
18:15
LPC Game Port 0 Address Select. Selects I/O Port:
0000: 200h
0100: 204h
1000: 208h
1100: 20Ch
0001: 201h
0101: 205h
1001: 209h
1101: 20Dh
0010: 202h
0110: 206h
1010: 20Ah
1110: 20Eh
0011: 203h
0111: 207h
1011: 20Bh
1111: 20Fh
Selected address range is enabled via F0BAR1+I/O Offset 10h[7].
14
LPC Floppy Disk Controller Address Select. Selects I/O Port:
0: 3F0h-3F7h.
1: 370h-377h.
Selected address range is enabled via F0BAR1+I/O Offset 10h[6].
13:12
LPC Microsoft Sound System (MSS) Address Select. Selects I/O Port:
00: 530h-537h
10: E80h-E87h
01: 604h-60Bh
11: F40h-F47h
Selected address range is enabled via F0BAR1+I/O Offset 10h[5].
11:10
LPC MIDI Address Select. Selects I/O Port:
00: 300h-301h
10: 320h-321h
01: 310h-311h
11: 330h-331h
Selected address range is enabled via F0BAR1+I/O Offset 10h[4].
9:8
LPC Audio Address Select. Selects I/O Port:
00: 220h-233h
10: 260h-273h
01: 240h-253h
11: 280h-293h
Selected address range is enabled via F0BAR1+I/O Offset 10h[3].
7:5
LPC Serial Port 1 Address Select. Selects I/O Port:
000: 3F8h-3FFh
010: 220h-227h
100: 238h-23Fh
110: 338h-33Fh
001: 2F8h-2FFh
011: 228h-22Fh
101: 2E8h-2EFh
111: 3E8h-3EFh
Selected address range is enabled via F0BAR1+I/O Offset 10h[2].
4:2
LPC Serial Port 0 Address Select. Selects I/O Port:
000: 3F8h-3FFh
010: 220h-227h
100: 238h-23Fh
110: 338h-33Fh
001: 2F8h-2FFh
011: 228h-22Fh
101: 2E8h-2EFh
111: 3E8h-3EFh
Selected address range is enabled via F0BAR1+I/O Offset 10h[1].
1:0
LPC Parallel Port Address Select. Selects I/O Port:
00: 378h-37Fh (+778h-77Fh for ECP)
01: 278h-27Fh (+678h-67Fh for ECP) (Note)
10: 3BCh-3BFh (+7BCh-7BFh for ECP)
11: Reserved
Selected address range is enabled via F0BAR1+I/O Offset 10h[0].
Note:
279h is read only, writes are forwarded to ISA for PnP.
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com