Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 253 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 253 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 249Page - Advanced Micro Devices SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices SC3200 Datasheet HTML 252Page - Advanced Micro Devices SC3200 Datasheet HTML 253Page - Advanced Micro Devices SC3200 Datasheet HTML 254Page - Advanced Micro Devices SC3200 Datasheet HTML 255Page - Advanced Micro Devices SC3200 Datasheet HTML 256Page - Advanced Micro Devices SC3200 Datasheet HTML 257Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
253
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
6.4.2.1
SMI Status Support Registers
F1 Index 10h, Base Address Register 0 (F1BAR0), points
to the base address for SMI Status register locations.
Table 6-33 gives the bit formats of I/O mapped SMI Status
registers accessed through F1BAR0.
The registers at F1BAR0+I/O Offset 50h-FFh can also be
accessed F0 Index 50h-FFh. The preferred method is to
program these registers through the F0 register space.
Table 6-33. F1BAR0+I/O Offset: SMI Status Registers
Bit
Description
Offset 00h-01h
Top Level PME/SMI Status Mirror Register (RO)
Reset Value: 0000h
Note:
Reading this register does not clear the status bits. For more information, see F1BAR0+I/O Offset 02h.
15
Suspend Modulation Enable Mirror. This bit mirrors the Suspend Mode Configuration bit (F0 Index 96h[0]). It is used by
the SMI handler to determine if the SMI Speedup Disable Register (F1BAR0+I/O Offset 08h) must be cleared on exit.
14
SMI Source is USB. Indicates whether or not an SMI was caused by USB activity
0: No.
1: Yes.
To enable SMI generation, set F5BAR0+I/O Offset 00h[20:19] to 11.
13
SMI Source is Warm Reset Command. Indicates whether or not an SMI was caused by a Warm Reset command.
0: No.
1: Yes.
12
SMI Source is NMI. Indicates whether or not an SMI was caused by NMI activity.
0: No.
1: Yes.
11
SMI Source is IRQ2 of SIO Module. Indicates whether or not an SMI was caused by IRQ2 of the SIO module.
0: No.
1: Yes.
The next level (second level) of SMI status is reported in the SuperI/O module. For more information, see Table 5-29 "Banks
0 and 1 - Common Control and Status Registers" on page 134, Offset 00h.
10
SMI Source is EXT_SMI[7:0]. Indicates whether or not an SMI was caused by a negative-edge event on EXT_SMI[7:0].
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 24h[23:8].
9
SMI Source is GP Timers/UDEF/PCI/ISA Function Trap. Indicates if an SMI was caused by:
— Expiration of GP Timer 1 or 2.
— Trapped access to UDEF1, 2, or 3.
— Trapped access to F1-F5 or ISA Legacy register space.
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 04h/06h.
8
SMI Source is Software Generated. Indicates whether or not an SMI was caused by software.
0: No.
1: Yes.
7
SMI on an A20M# Toggle. Indicates whether or not an SMI was caused by a write access to either Port 92h or the key-
board command which initiates an A20M# SMI.
0: No.
1: Yes.
This method of controlling the internal A20M# in the GX1 module is used instead of a pin.
To enable SMI generation, set F0 Index 53h[0] to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com