Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 254 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 254 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices SC3200 Datasheet HTML 252Page - Advanced Micro Devices SC3200 Datasheet HTML 253Page - Advanced Micro Devices SC3200 Datasheet HTML 254Page - Advanced Micro Devices SC3200 Datasheet HTML 255Page - Advanced Micro Devices SC3200 Datasheet HTML 256Page - Advanced Micro Devices SC3200 Datasheet HTML 257Page - Advanced Micro Devices SC3200 Datasheet HTML 258Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 447 page
background image
254
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
6
SMI Source is a VGA Timer Event. Indicates whether or not an SMI was caused by the expiration of the VGA Timer (F0
Index 8Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[3] to 1.
5
SMI Source is Video Retrace. Indicates whether or not an SMI was caused by a video retrace event as decoded from the
internal serial connection (PSERIAL register, bit 7) from the GX1 module.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[2] to 1.
4
Reserved. Reads as 0.
3
SMI Source is LPC. Indicates whether or not an SMI was caused by the LPC interface.
0: No.
1: Yes.
The next level (second level) of SMI status is at F0BAR1+I/O Offset 1Ch[6:5].
2
SMI Source is ACPI. Indicates whether or not an SMI was caused by an access (read or write) to one of the ACPI registers
(F1BAR1).
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 20h.
1
SMI Source is Audio Subsystem. Indicates whether or not an SMI was caused by the audio subsystem.
0: No.
1: Yes.
The next level (second level) of SMI status is at F3BAR0+Memory Offset 10h/12h.
0
SMI Source is Power Management Event. Indicates whether or not an SMI was caused by one of the power management
resources (except for GP timers, UDEFx and PCI/ISA function traps that are reported in bit 9).
0: No.
1: Yes.
The next level (second level) of SMI status is at F0 Index 84h-F4h/87h-F7h.
Offset 02h-03h
Top Level PME/SMI Status Register (RO/RC)
Reset Value: 0000h
Note:
Reading this register clears all the SMI status bits except for the “read only” bits, because they have a second level of status
reporting. Clearing the second level status bits also clears the top level (except for GPIOs).
GPIO SMIs have third level of SMI status reporting at F0BAR0+I/O Offset 0Ch/1Ch. Clearing the third level GPIO status bits
also clears the second and top levels.
A read-only “Mirror” version of this register exists at F1BAR0+I/O Offset 00h. If the value of the register must be read without
clearing the SMI source (and consequently de-asserting SMI), F1BAR0+I/O Offset 00h can be read instead.
15
Suspend Modulation Enable Mirror. (Read to Clear)
This bit mirrors the Suspend Mode Configuration bit (F0 Index 96h[0]). It is used by the SMI handler to determine if the SMI
Speedup Disable Register (F1BAR0+I/O Offset 08h) must be cleared on exit.
14
SMI Source is USB. (Read to Clear) Indicates whether or not an SMI was caused by USB activity.
0: No.
1: Yes.
To enable SMI generation, set F5BAR0+I/O Offset 00h[20:19] to 11.
13
SMI Source is Warm Reset Command. (Read to Clear) Indicates whether or not an SMI was caused by Warm Reset
command
0: No.
1: Yes.
Table 6-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com