Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 250 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 250 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices SC3200 Datasheet HTML 249Page - Advanced Micro Devices SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices SC3200 Datasheet HTML 252Page - Advanced Micro Devices SC3200 Datasheet HTML 253Page - Advanced Micro Devices SC3200 Datasheet HTML 254Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 447 page
background image
250
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Offset 18h-1Bh
LAD_D1 — LPC Address Decode 1 Register (R/W)
Reset Value: 00000000h
31:16
Reserved. Must be set to 0.
15:9
Wide Generic Base Address Select. Defines a 512 byte space. Can be mapped anywhere in the 64 KB I/O space. AC97
and other configuration registers are expected to be mapped to this range. It is wide enough to allow many unforeseen
devices to be supported. Enabled at F0BAR1+I/O Offset 10h[9].
Note:
The selected range must not overlap any address range that is positively decoded by F0BAR1+I/O Offset 10h bits
[17], [14:10], and [8:0].
8:0
Reserved. Must be set to 0.
Offset 1Ch-1Fh
LPC_ERR_SMI — LPC Error SMI Register (R/W)
Reset Value: 00000080h
31:12
Reserved. Must be set to 0.
11
LPCPD# Override Enable. Determines how LPCPD# output is controlled.
0: ACPI logic.
1: LPCPD# Override Value bit (bit 10 of this register).
10
LPCPD# Override Value. Selects value of LPCPD# output if bit 11 of this register is set to 1.
0: Power down sequence.
1: Normal power.
9
SMI Serial IRQ Enable. Allows serial IRQ to generate an SMI.
0: Disable.
1: Enable.
Top Level SMI status is reported at F1BAR0+I/O Offset 02h[3].
Second level status is reported at bit 6 of this register.
8
SMI Configuration for LPC Error Enable. Allows LPC errors to generate an SMI.
0: Disable.
1: Enable.
Top Level SMI status is reported at F1BAR0+I/O Offset 02h[3].
Second level status is reported at bit 5 of this register.
7
LPCPD# Pin Status. (Read Only) Reflects the current value of the LPCPD# output signal.
6
SMI Source is Serial IRQ. Indicates whether or not an SMI was generated by an SERIRQ.
0: No.
1: Yes.
Write 1 to clear.
To enable SMI generation, set bit 9 of this register to 1.
This is the second level of status reporting. The top level status is reported in F1BAR0+I/O Offset 02h[3].
Writing a 1 to this bit also clears the top level status bit as long as bit 5 of this register is cleared.
5
LPC Error Status. Indicates whether or not an SMI was generated by an error that occurred on LPC.
0: No.
1: Yes.
Write 1 to clear.
To enable SMI generation, set bit 8 of this register to 1.
This is the second level of status reporting. The top level status is reported in F1BAR0+I/O Offset 02h[3].
Writing a 1 to this bit also clears the top level status bit as long as bit 6 of this register is cleared.
4
LPC Multiple Errors Status. Indicates whether or not multiple errors have occurred on LPC.
0: No.
1: Yes.
Write 1 to clear.
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com