Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 247 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 247 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 243Page - Advanced Micro Devices SC3200 Datasheet HTML 244Page - Advanced Micro Devices SC3200 Datasheet HTML 245Page - Advanced Micro Devices SC3200 Datasheet HTML 246Page - Advanced Micro Devices SC3200 Datasheet HTML 247Page - Advanced Micro Devices SC3200 Datasheet HTML 248Page - Advanced Micro Devices SC3200 Datasheet HTML 249Page - Advanced Micro Devices SC3200 Datasheet HTML 250Page - Advanced Micro Devices SC3200 Datasheet HTML 251Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
247
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
2
SMI# Polarity. This bit allows signal polarity selection of the SMI# generated from LPC.
0: Active high.
1: Active low.
1
IRQ1 Polarity. If LPC is selected as the interface source for IRQ1 (F0BAR1+I/O Offset 00h[1] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
0
IRQ0 Polarity. If LPC is selected as the interface source for IRQ0 (F0BAR1+I/O Offset 00h[0] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
Offset 08h-0Bh
SERIRQ_CNT — Serial IRQ Control Register (R/W)
Reset Value: 00000000h
31:8
Reserved.
7
Serial IRQ Enable.
0: Disable.
1: Enable.
6
Serial IRQ Interface Mode.
0: Continuous.
1: Quiet.
5:2
Number of IRQ Data Frames.
0000: 17 frames
0100: 21 frames
1000: 25 frames
1100: 29 frames
0001: 18 frames
0101: 22 frames
1001: 26 frames
1101: 30 frames
0010: 19 frames
0110: 23 frames
1010: 27 frames
1110: 31 frames
0011: 20 frames
0111: 24 frames
1011: 28 frames
1111: 32 frames
1:0
Start Frame Pulse Width.
00: 4 Clocks
01: 6 Clocks
10: 8 Clocks
11: Reserved
Offset 0Ch-0Fh
DRQ_SRC — DRQ Source Register (R/W)
Reset Value: 00000000h
Note:
DRQx are internal signals between the Core Logic and SuperI/O modules. Some signals require additional programming to
make them externally accessible. See Table 4-2 "Multiplexing, Interrupt Selection, and Base Address Registers" on page 88 for
pin multiplexing details and Table 3-6 "Strap Options" on page 58 for LPC_ROM strap information.
31:8
Reserved.
7
DRQ7 Source. Selects the interface source of the DRQ7 signal.
0: ISA - DRQ7 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
6
DRQ6 Source. Selects the interface source of the DRQ6 signal.
0: ISA - DRQ6 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
5
DRQ5 Source. Selects the interface source of the DRQ5 signal.
0: ISA - DRQ5 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
4
LPC BM0 Cycles. Allow LPC Bus Master 0 Cycles.
0: Enable.
1: Disable.
3
DRQ3 Source. Selects the interface source of the DRQ3 signal.
0: ISA - DRQ3 (unavailable externally).
1: LPC - LDRQ# (EBGA ball AL9; TEPBGA ball L28).
Table 6-31. F0BAR1+I/O Offset: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com