Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 256 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 256 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 252Page - Advanced Micro Devices SC3200 Datasheet HTML 253Page - Advanced Micro Devices SC3200 Datasheet HTML 254Page - Advanced Micro Devices SC3200 Datasheet HTML 255Page - Advanced Micro Devices SC3200 Datasheet HTML 256Page - Advanced Micro Devices SC3200 Datasheet HTML 257Page - Advanced Micro Devices SC3200 Datasheet HTML 258Page - Advanced Micro Devices SC3200 Datasheet HTML 259Page - Advanced Micro Devices SC3200 Datasheet HTML 260Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 447 page
background image
256
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
1
SMI Source is Audio Subsystem. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by the
audio subsystem.
0: No.
1: Yes.
The second level of status is found in F3BAR0+Memory Offset 10h/12h.
0
SMI Source is Power Management Event. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was
caused by one of the power management resources (except for GP timers, UDEFx and PCI/ISA function traps which are
reported in bit 9).
0: No.
1: Yes.
The next level (second level) of SMI status is at F0 Index 84h/F4h-87h/F7h.
Offset 04h-05h
Second Level General Traps & Timers
Reset Value: 0000h
PME/SMI Status Mirror Register (RO)
The bits in this register contain second level status reporting. Top level status is reported at F1BAR0+I/O Offset 00h/02h[9].
Reading this register does not clear the SMI. For more information, see F1BAR0+I/O Offset 06h.
15:6
Reserved.
5
PCI/ISA Function Trap. Indicates whether or not an SMI was caused by a trapped PCI/ISA configuration cycle.
0: No.
1: Yes.
To enable SMI generation for:
— Trapped access to ISA Legacy I/O register space set F0 Index 41h[0] = 1.
— Trapped access to F1 register space set F0 Index 41h[1] = 1.
— Trapped access to F2 register space set F0 Index 41h[2] = 1.
— Trapped access to F3 register space set F0 Index 41h[3] = 1.
— Trapped access to F4 register space set F0 Index 41h[4] = 1.
— Trapped access to F5 register space set F0 Index 41h[5] = 1.
4
SMI Source is Trapped Access to User Defined Device 3. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 3 (F0 Index C8h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[6] = 1.
3
SMI Source is Trapped Access to User Defined Device 2. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 2 (F0 Index C4h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[5] = 1.
2
SMI Source is Trapped Access to User Defined Device 1. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 1 (F0 Index C0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[4] = 1.
1
SMI Source is Expired General Purpose Timer 2. Indicates whether or not an SMI was caused by the expiration of Gen-
eral Purpose Timer 2 (F0 Index 8Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[1] = 1.
Table 6-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com