Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 296 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 296 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 292Page - Advanced Micro Devices SC3200 Datasheet HTML 293Page - Advanced Micro Devices SC3200 Datasheet HTML 294Page - Advanced Micro Devices SC3200 Datasheet HTML 295Page - Advanced Micro Devices SC3200 Datasheet HTML 296Page - Advanced Micro Devices SC3200 Datasheet HTML 297Page - Advanced Micro Devices SC3200 Datasheet HTML 298Page - Advanced Micro Devices SC3200 Datasheet HTML 299Page - Advanced Micro Devices SC3200 Datasheet HTML 300Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 447 page
background image
296
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - X-Bus Expansion Interface - Function 5
Revision 5.1
Index 44h-47h
F5BAR1 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR1, the mask register should be programmed first. The mask register defines the size of F5BAR1 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR1 must also be written (even if the value for F5BAR1 has not
changed).
Index 48h-4Bh
F5BAR2 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR2, the mask register should be programmed first. The mask register defines the size of F5BAR2 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR2 must also be written (even if the value for F5BAR2 has not
changed).
Index 4Ch-4Fh
F5BAR3 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR3, the mask register should be programmed first. The mask register defines the size of F5BAR3 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR3 must also be written (even if the value for F5BAR3 has not
changed).
Index 50h-53h
F5BAR4 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR4, the mask register should be programmed first. The mask register defines the size of F5BAR4 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR4 must also be written (even if the value for F5BAR4 has not
changed).
Index 54h-57h
F5BAR5 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR5, the mask register should be programmed first. The mask register defines the size of F5BAR5 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR5 must also be written (even if the value for F5BAR5 has not
changed).
Index 58h
F5BARx Initialized Register (R/W)
Reset Value: 00h
7:6
Reserved. Must be set to 0.
5
F5BAR5 Initialized. This bit indicates if F5BAR5 (F5 Index 24h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR5 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR5 is dis-
abled until either this bit is set to 1 or F5BAR5 is written (which causes this bit to be set to 1).
4
F5BAR4 Initialized. This bit indicates if F5BAR4 (F5 Index 28h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR4 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR4 is dis-
abled until either this bit is set to 1 or F5BAR4 is written (which causes this bit to be set to 1).
3
F5BAR3 Initialized. This bit indicates if F5BAR3 (F5 Index 1Ch) has been initialized.
At reset this bit is cleared (0). Writing F5BAR3 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR3 is dis-
abled until either this bit is set to 1 or F5BAR3 is written (which causes this bit to be set to 1).
2
F5BAR2 Initialized. This bit indicates if F5BAR2 (F5 Index 18h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR2 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR2 is dis-
abled until either this bit is set to 1 or F5BAR2 is written (which causes this bit to be set to 1).
1
F5BAR1 Initialized. This bit indicates if F5BAR1 (F5 Index 14h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR1 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR1 is dis-
abled until either this bit is set to 1 or F5BAR1 is written (which causes this bit to be set to 1).
0
F5BAR0 Initialized. This bit indicates if F5BAR0 (F5 Index 10h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR0 sets this bit to 1. If this bit programmed to 0, the decoding of F5BAR0 is dis-
abled until either this bit is set to 1 or F5BAR0 is written (which causes this bit to be set to 1).
Index 59h-5Fh
Reserved
Reset Value: xxh
Index 60h-63h
Scratchpad: Usually used for Device Number (R/W)
Reset Value: 00000000h
BIOS writes a value, of the Device number. Expected value: 00003200h.
Table 6-39. F5: PCI Header Registers for X-Bus Expansion (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com