Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 300 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 300 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 296Page - Advanced Micro Devices SC3200 Datasheet HTML 297Page - Advanced Micro Devices SC3200 Datasheet HTML 298Page - Advanced Micro Devices SC3200 Datasheet HTML 299Page - Advanced Micro Devices SC3200 Datasheet HTML 300Page - Advanced Micro Devices SC3200 Datasheet HTML 301Page - Advanced Micro Devices SC3200 Datasheet HTML 302Page - Advanced Micro Devices SC3200 Datasheet HTML 303Page - Advanced Micro Devices SC3200 Datasheet HTML 304Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 447 page
background image
300
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - USB Controller Registers - PCIUSB
Revision 5.1
6.4.6
USB Controller Registers - PCIUSB
The registers designated as PCIUSB are 32-bit registers
decoded from the PCI address bits [7:2] and C/BE[3:0]#,
when IDSEL is high, AD[10:8] select the appropriate func-
tion, and AD[1:0] are 00.
The PCI Configuration registers are listed in Table 6-41.
They can be accessed as any number of bytes within a sin-
gle 32-bit aligned unit. They are selected by the PCI-stan-
dard Index and Byte-Enable method.
In the PCI Configuration space, there is one Base Address
Register (BAR), at Index 10h, which is used to map the
USB Host Controller's operational register set into a 4K
memory space. Once the BAR register has been initialized,
and the PCI Command register at Index 04h has been set
to enable the Memory space decoder, these “USB Control-
ler” registers are accessible.
The memory-mapped USB Controller registers are listed in
Table 6-42. They follow the Open Host Controller Interface
(OHCI) specification. Registers marked as “Reserved”, and
reserved bits within a register, should not be changed by
software.
Table 6-41. PCIUSB: USB PCI Configuration Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value: 0E11h
Index 02h-03h
Device Identification Register (RO)
Reset Value: A0F8h
Index 04h-05h
Command Register (R/W)
Reset Value: 00h
15:10
Reserved. Must be set to 0.
9
Fast Back-to-Back Enable. (Read Only) USB only acts as a master to a single device, so this functionality is not needed.
It is always disabled (i.e., this bit must always be set to 0).
8
SERR#. When this bit is enabled, USB asserts SERR# when it detects an address parity error.
0: Disable.
1: Enable.
7
Wait Cycle Control. USB does not need to insert a wait state between the address and data on the AD lines. It is always
disabled (i.e., this bit is set to 0).
6
Parity Error. USB asserts PERR# when it is the agent receiving data and it detects a data parity error.
0: Disable.
1: Enable.
5
VGA Palette Snoop Enable. (Read Only) USB does not support this function. It is always disabled (i.e., this bit is set to
0).
4
Memory Write and Invalidate. Allow USB to run Memory Write and Invalidate commands.
0: Disable.
1: Enable.
The Memory Write and Invalidate Command only occurs if the cache-line size is set to 32 bytes and the memory write is
exactly one cache line.
This bit must be set to 0.
3
Special Cycles. USB does not run special cycles on PCI. It is always disabled (i.e., this bit is set to 0).
2
PCI Master Enable. Allow the USB to run PCI master cycles.
0: Disable.
1: Enable.
1
Memory Space. Allow the USB to respond as a target to memory cycles from the PCI bus.
0: Disable.
1: Enable.
0
I/O Space. Allow the USB to respond as a target to I/O cycles from the PCI bus.
0Disable.
1: Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com