Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 299 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 299 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 295Page - Advanced Micro Devices SC3200 Datasheet HTML 296Page - Advanced Micro Devices SC3200 Datasheet HTML 297Page - Advanced Micro Devices SC3200 Datasheet HTML 298Page - Advanced Micro Devices SC3200 Datasheet HTML 299Page - Advanced Micro Devices SC3200 Datasheet HTML 300Page - Advanced Micro Devices SC3200 Datasheet HTML 301Page - Advanced Micro Devices SC3200 Datasheet HTML 302Page - Advanced Micro Devices SC3200 Datasheet HTML 303Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
299
Core Logic Module - X-Bus Expansion Interface - Function 5
Revision 5.1
Offset 04h-07h
I/O Control Register 2 (R/W)
Reset Value: 00000002h
31:2
Reserved. Write as read.
1
Video Processor Access Enable. Allows access to video processor using F4BAR0.
0: Disable.
1: Enable. (Default)
Note:
This bit is readable after the register (F5BAR0+Offset 04h) has been written once.
0
IO_STRAP_IDSEL_SELECT (IDSEL Strap Override).
0: IDSEL: AD28 for Chipset Register Space (F0-F5), AD29 for USB Register Space (PCIUSB).
1: IDSEL: AD26 for Chipset Register Space (F0-F5), AD27 for USB Register Space (PCIUSB).
Offset 08h-0Bh
I/O Control Register 3 (R/W)
Reset Value: 00009000h
31:16
Reserved. Write as read.
15:13
IO_USB_XCVR_VADJ (USB Voltage Adjustment Connection). These bits connect to the voltage adjustment interface on
the three USB transceivers. Default = 100.
12:8
IO_USB_XCVT_CADJ (USB Current Adjustment). These bits connect to the current adjustment interface on the three
USB transceivers. Default = 10000.
7
IO_TEST_PORT_EN (Debug Test Port Enable).
0: Disable
1: Enable
6:0
IO_TEST_PORT_REG (Debug Port Pointer). These bits are used to point to the 16-bit slice of the test port bus.
Table 6-40. F5BAR0+I/O Offset: X-Bus Expansion Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com