Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 441 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 441 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 437Page - Advanced Micro Devices SC3200 Datasheet HTML 438Page - Advanced Micro Devices SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices SC3200 Datasheet HTML 441Page - Advanced Micro Devices SC3200 Datasheet HTML 442Page - Advanced Micro Devices SC3200 Datasheet HTML 443Page - Advanced Micro Devices SC3200 Datasheet HTML 444Page - Advanced Micro Devices SC3200 Datasheet HTML 445Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
441
Package Specifications
Revision 5.1
10.2
Physical Dimensions
The figures in this section provide the mechanical package outlines for the 432-Terminal EBGA (Enhanced Ball Grid Array)
and 481-Terminal TEPBGA (Thermally Enhanced Ball Grid Array) packages.
Figure 10-2. 432-Terminal EBGA Package (Body Size: 40x40x1.72 mm; Pitch: 1.27 mm)
NOTES: UNLESS OTHERWISE SPECIFIED.
1)
EBGA WITH LEAD (PB):
a) SOLDER BALL COMPOSITION: SN 63%, PB 37%.
b) SOLDERING PROFILE: 220o C.
2)
EBGA LEAD (PB) FREE:
a) SOLDER BALL COMPOSITION: SN 96.5%, AG 3.5%.
b) SOLDERING PROFILE: 260o C
3)
DIMENSION IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM N.
4)
REFERENCE JEDEC REGISTRATION MO-151, VARIATION -1.00, DATED JUNE 1997.
5)
THETA JUNCTION TO CASE (TJC) = 1°C/WATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com