Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 445 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 445 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices SC3200 Datasheet HTML 441Page - Advanced Micro Devices SC3200 Datasheet HTML 442Page - Advanced Micro Devices SC3200 Datasheet HTML 443Page - Advanced Micro Devices SC3200 Datasheet HTML 444Page - Advanced Micro Devices SC3200 Datasheet HTML 445Page - Advanced Micro Devices SC3200 Datasheet HTML 446Page - Advanced Micro Devices SC3200 Datasheet HTML 447Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 445 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
445
Appendix A: Data Book Revision History
Revision 5.1
Table A-2. Edits to Current Revision
Section
Revision
Section 1.0
"AMD Geode™
SC3200
Processor"
• Section 1.2 "Features" on page 14:
— Other Features: Modified Voltages sub-bullets for clarification purposes.
Section 2.0
“Architecture
Overview”
• No changes.
Section 3.0
“Signal
Definitions”
• Section 3.4.6 "PCI Bus Interface Signals" on page 68:
— Rewrote SERR# description, was wrong.
• Section 3.4.10 "Universal Serial Bus (USB) Interface Signals" on page 76:
— Changed footnote to say “A 15 K
Ω pull-down resistor is required on all ports (even if unused).”
Section 4.0
"General
Configuration
Block"
• Table 4-7 "Strapped Core Clock Frequency" on page 101:
— Added note: “Note: Not all speeds are supported. For information on supported speeds, see
Section A.1 "Order Information" on page 443.”
Section 5.0
“SuperI/O
Module”
• No changes.
Section 6.0
"Core Logic
Module"
• Section 6.2.6.1 "DMA Controller" on page 168:
— Added text in parenthesis to first bullet. Now reads as “Standard seven-channel DMA support
(Channels 5 through 7 are not supported).”
— DMA Channels subsection: Added last sentence to last paragraph “DMA Channels 5 through 7
are not supported.”
• Section 6.2.6.3 "Programmable Interrupt Controller" on page 171:
— Added second sentence to first paragraph, “The PIC devices support all x86 modes of opera-
tion except Special Fully Nested mode.”
• Section 6.4.1 "Bridge, GPIO, and LPC Registers - Function 0" on page 206:
— F0 Index 6Ch (ROM Mask Register): Corrected reset value to 0000FFF0h (was listed as
FFF0h). Added note, “Note: Register must be read/written as a DWORD.” Also corrected reset
value and “Width” column in Table 6-14 on page 192 (register summary table).
— F0BAR1+I/O Offset 00h: Rewrote bit descriptions and added note for clarification purposes.
— F0BAR1+Offset 0Ch: Rewrote bit descriptions and added note for clarification purposes.
— F0BAR1+Offset 10h[13]: Changed note. Did say “This bit should not be enabled when using
the internal SuperI/O module and if IO_SIOCFG_IN (F5BAR0+I/O Offset 00h[26:25]) = 11.”
Now says “This bit should not be routed to LPC when using the internal SuperI/O module and if
IO_SIOCFG_IN (F5BAR0+I/O Offset 00h[26:25]) = 10.”
• Section 6.4.2 "SMI Status and ACPI Registers - Function 1" on page 252:
— F1BAR0+I/O Offset 00h[11] and Offset 02h[11]: Clarified that the IRQ2 is from the SIO module
and not an external SIO.
• Section 6.4.3 "IDE Controller Registers - Function 2" on page 273:
— F2 Index 40h and 44h: Removed Format 0 and Format 1 settings for a Fast-PCI clock
frequency of 48 MHz since it is not supported.
• Section 6.4.7 "ISA Legacy Register Space" on page 313:
— Changed register descriptions in Table 6-43 and Table 6-44 to emphasize that DMA Channels
5 through 7 are not supported.
Section 7.0
“Video
Processor
Module”
• No changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com