Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 442 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 442 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 438Page - Advanced Micro Devices SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices SC3200 Datasheet HTML 441Page - Advanced Micro Devices SC3200 Datasheet HTML 442Page - Advanced Micro Devices SC3200 Datasheet HTML 443Page - Advanced Micro Devices SC3200 Datasheet HTML 444Page - Advanced Micro Devices SC3200 Datasheet HTML 445Page - Advanced Micro Devices SC3200 Datasheet HTML 446Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 447 page
background image
442
AMD Geode™ SC3200 Processor Data Book
Package Specifications
Revision 5.1
Figure 10-3. 481-Terminal TEPBGA Package (Body Size: 40x40x2.38 mm; Pitch: 1.27 mm)
NOTES: UNLESS OTHERWISE SPECIFIED.
1)
TEPBGA WITH LEAD (PB):
a) SOLDER BALL COMPOSITION: SN 63%, PB 37%.
b) SOLDERING PROFILE: 220o C.
2)
TEPBGA LEAD (PB) FREE:
a) SOLDER BALL COMPOSITION: SN 96.5%, AG 3.5%.
b) SOLDERING PROFILE: 260o C
3)
DIMENSION IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM N.
4)
THE MOLD SURFACE AREA MAY INCLUDE DIMPLE FOR A1 BALL CORNER IDENTIFICATION.
5)
REFERENCE JEDEC REGISTRATION MS-034, VARIATION BAU-1.
6)
THETA JUNCTION TO CASE (TJC) = 5°C/WATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com