Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 147Page - NXP Semiconductors FXLS93421 Datasheet HTML 148Page - NXP Semiconductors FXLS93421 Datasheet HTML 149Page - NXP Semiconductors FXLS93421 Datasheet HTML 150Page - NXP Semiconductors FXLS93421 Datasheet HTML 151Page - NXP Semiconductors FXLS93421 Datasheet HTML 152Page - NXP Semiconductors FXLS93421 Datasheet HTML 153Page - NXP Semiconductors FXLS93421 Datasheet HTML 154Page - NXP Semiconductors FXLS93421 Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
The master device must initiate Discovery Mode automatically after power is applied
to the bus segment by sending a sequence of Discovery Commands. Discovery mode
timing is defined in Section 10.11. If the ENDINIT bit is not set and the PADDR[3:0] field
is set to '0000', the device will detect a Discovery Command tSTART_DISC after a power-on
reset and for intervals of tPER_Disc until Discovery Mode has ended (the maximum value
of tSTART_DISC).
Discovery Mode follows the sequence listed here. Figure 68 shows a timing diagram of
the Discover Protocol for a 4 device segment.
1. The master powers up the bus segment to a known state.
2. The master transmits the Discovery Command.
3. After a predetermined delay (tSTART_DISC_RSP), all devices without a physical address
activate a current ramp to the 2x response current at a ramp rate of iDISC_RAMP.
4. Each device monitors the current through its sense resistor (ΔiSENSE).
a. If the current is above iRESP, the device disables its response current, increments
its physical address counter, and waits for the next Discovery Command.
b. If the current is low (ΔiSENSE less than iRESP), the device continues to ramp its
response current to 2* iRESP in time tDISC_RAMP_RSP and maintains the current at 2*
iRESP for time tDISC_IDLE_RSP.
c. After time tDISC_IDLE_RSP, if a device has not detected a current through its current
sense resistor of iRESP, the device accepts physical address '1' and disables its
response current.
5. After a pre-defined period (tPER_DISC), the master transmits another Discovery
Command.
6. Steps 3 and 4 are repeated, with the device accepting the address in its address
assignment counter if the sense current is low.
7. The master repeats step 5 until it has transmitted Discovery Commands for all the
devices it expects on the bus.
8. Device initialization can now begin using Command and Response Mode.
Once the Discovery Mode is complete, a physical address is assigned to the device, and
Command and Response Mode is used with the assigned physical address for further
configuration.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
151 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com