Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 150 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 146Page - NXP Semiconductors FXLS93421 Datasheet HTML 147Page - NXP Semiconductors FXLS93421 Datasheet HTML 148Page - NXP Semiconductors FXLS93421 Datasheet HTML 149Page - NXP Semiconductors FXLS93421 Datasheet HTML 150Page - NXP Semiconductors FXLS93421 Datasheet HTML 151Page - NXP Semiconductors FXLS93421 Datasheet HTML 152Page - NXP Semiconductors FXLS93421 Datasheet HTML 153Page - NXP Semiconductors FXLS93421 Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
time
VHIGH
VLOW
Disc_Compare
CmdBlock_DISC
tIDISC_Samp_Dly
ICCQ_SAMPLE
IRESP Activation
tDISC_Ramp_RSP
tDISC_Idle_RSP
tIDISC_Samp
tIDISC_CMD_BLK
tDISC_Dly
tDISC_ICCQ_Samp
tSTART_DISC_RSP
aaa-030650
Figure 67. DSI3 discovery mode sensing timing diagram
12.2 Address assignment
The device supports all three address assignment methods described in the DSI3[2]
standard as described in Section 12.2.1, Section 12.2.2, and Section 12.2.3.
12.2.1 Address assignment method for parallel connected slaves
Devices connected in parallel must have pre-programmed addresses by storing a
non-zero value into the PADDR[3:0] bits of the PHYSADDR OTP register. If a non-
zero value is stored in this OTP register, The device does not participate in any other
address assignment method and waits for Command and Response Mode for further
configuration. See Section 12.3 for details regarding Command and Response Mode.
12.2.2 Address assignment method for bus switch connected daisy chain devices
A device connected in daisy chain by a bus switch may have either a pre-programmed
address as described in Section 12.2.1, or an un-programmed address.
If the address is pre-programmed, the device does not participate in any other
address assignment method and waits for Command and Response Mode for further
configuration information, including activating the bus switch to connect the next device
on the bus. See Section 12.3 for details regarding Command and Response Mode.
If the address is un-programmed, once power is applied, the device is the only device
on the segment which requires an address assignment. The device will accept a
Command and Response Mode register write command addressed to Address $0 (global
command), which writes the PADDR[3:0] bits to a non-zero value. Once a physical
address is assigned to the device, Command and Response Mode is used with the
assigned physical address for further configuration.
On power up, the device bus switch output defaults to deactivated.
12.2.3 DSI3 discovery mode: Address assignment method for resistor connected
daisy chain devices
A device connected in daisy chain via a resistor has an un-programmed address and
uses Discovery Mode to obtain its physical address (PADDR[3:0]).
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
150 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com