Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 146 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 142Page - NXP Semiconductors FXLS93421 Datasheet HTML 143Page - NXP Semiconductors FXLS93421 Datasheet HTML 144Page - NXP Semiconductors FXLS93421 Datasheet HTML 145Page - NXP Semiconductors FXLS93421 Datasheet HTML 146Page - NXP Semiconductors FXLS93421 Datasheet HTML 147Page - NXP Semiconductors FXLS93421 Datasheet HTML 148Page - NXP Semiconductors FXLS93421 Datasheet HTML 149Page - NXP Semiconductors FXLS93421 Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.9.3 Arming function: unfiltered mode
At the falling edge of SS_B for a sensor data SPI response for SOURCEID_0 (channel
0) or SOURCEID_2 (channel 1), the most recent available offset canceled sample for
the requested channel is compared against positive and negative thresholds that are
individually programmed for each channel via the CHx_ARM_T_x and CHx_ARM_T_x
registers. See Section 11.2.29 for register details. If the sample equals or exceeds either
threshold, an arming condition is indicated.
Once an arming condition is indicated for the associated channel, the arm pin output for
that channel is asserted when SS_B is asserted and the MISO data includes a sensor
data response for that channel. The pulse stretch function is not applied in Unfiltered
mode.
Figure 59 contains a block diagram of the Arming Function operation in Unfiltered Mode.
Figure 60 shows the Arming output operation under the different SPI request conditions.
ARMING FUNCTION
INTERPOLATED SAMPLE RATE
ARM_CFG[2]
SS_B
ch select
ARM_CFG[1]
aaa-030642
ARM
I/O
Figure 59. Arming function block diagram - unfiltered mode
aaa-030643
request SnsData
SCLK
ARM
tARM_UF_DLY
data latched for
arm function and SPI
MISO
MOSI
SS_B
SnsData resp
arming
condition
not present
request SnsData
SnsData resp
tARM_UF_ASSERT
request SnsData
SnsData resp
request SnsData
SnsData resp
arming
condition
not present
arming
condition
not present
arming
condition
present
Figure 60. Arming condition, unfiltered mode
11.9.4 Arming function down sampling
The data provided to the arming function can be down sampled using the ARM_DS[1:0]
bits in the CHx_ARM_CFG registers.
The initial value of the counter is zero. At the falling edge of SS_B for a sensor data
SPI response, if the counter value is equal to '00', the arming function is updated with
the new sample as described in Section 11.9.1 or Section 11.9.2. The counter is then
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
146 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com