Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 141Page - NXP Semiconductors FXLS93421 Datasheet HTML 142Page - NXP Semiconductors FXLS93421 Datasheet HTML 143Page - NXP Semiconductors FXLS93421 Datasheet HTML 144Page - NXP Semiconductors FXLS93421 Datasheet HTML 145Page - NXP Semiconductors FXLS93421 Datasheet HTML 146Page - NXP Semiconductors FXLS93421 Datasheet HTML 147Page - NXP Semiconductors FXLS93421 Datasheet HTML 148Page - NXP Semiconductors FXLS93421 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.9.2 Arming function: count mode
In count mode, the arming function compares each offset canceled sample against
positive and negative thresholds that are individually programmed for each channel
via the CHx_ARMT_x_x and CHx_ARMT_x_x registers. See Section 11.2.29 for
register details. If the sample equals or exceeds either threshold, a sample counter is
incremented. If the sample does not exceed either threshold, the sample counter is reset
to zero.
The sample rate for each channel is determined by the SPI sensor data sample rate.
At the falling edge of SS_B for a sensor data SPI response for SOURCEID_0 (channel
0) or SOURCEID_2 (channel 1), a new sample for the associated channel is compared
against the thresholds. See Figure 57. The arming function input data rate can be down
sampled as described in Section 11.9.4. The SPI sensor data sample rate must meet the
minimum time between requests (tACC_REQ_x) specified in Section 10.13.
A sample count limit is programmable via the ARM_WS[1:0] bits in the CHx_ARM_CFG
registers. If the sample count reaches the programmable sample count limit, an arming
condition is indicated, the associated arm pin output is asserted, and the pulse stretch
counter is set as described in Section 11.9.5.
The associated arm pin output is deasserted only when the pulse stretch counter expires.
Figure 58 shows the arming output operation for different SPI conditions.
aaa-030640
SAMPLE
COUNTER
PULSE
STRETCH
GATING
ARM
ARM_T_P[7:0]
ARM_WS_P[1:0]
OC_out[12:3]
ARM_T_N[7:0]
I/O
ARM_PS[1:0]
Figure 57. Arming function block diagram - count mode
aaa-030641
request SnsData
SCLK
ARM
pulse stretch time
tARM
data latched for
arm function and SPI
MISO
MOSI
SS_B
SnsData resp
arming
condition
not present
request SnsData
SnsData resp
request SnsData
SnsData resp
request SnsData
SnsData resp
arming
condition
not present
arming
condition
not present
arming
condition
present
Figure 58. Arming condition, moving average and count mode
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
145 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com