Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 142 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 138Page - NXP Semiconductors FXLS93421 Datasheet HTML 139Page - NXP Semiconductors FXLS93421 Datasheet HTML 140Page - NXP Semiconductors FXLS93421 Datasheet HTML 141Page - NXP Semiconductors FXLS93421 Datasheet HTML 142Page - NXP Semiconductors FXLS93421 Datasheet HTML 143Page - NXP Semiconductors FXLS93421 Datasheet HTML 144Page - NXP Semiconductors FXLS93421 Datasheet HTML 145Page - NXP Semiconductors FXLS93421 Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
g Range
type
Data reading
Typical
SensorDa
taOFFLSB
(LSB)
SENSEACCEL
(LSB/g)
Minimum sensor
data value
(Signed LSB)
Maximum sensor
data value
(Signed LSB)
16-bit Register Read
0
66.0322
0x8000 (–32768)
0x7FFF (+32767)
16-bit DSI3 PDCM Sensor Data
0
66.0322
0x8001 (–32767)
0x7FFF (+32767)
16-bit SPI Sensor Data
0
528.258
0x8010 (–32752)
0x7FFF (+32767)
16-bit PSI5 Sensor Data
0
528.258
0x8800 (–30720)
0x7800 (+30720)
12-bit DSI3 PDCM Sensor Data
0
33.0161
0x801 (–2047)
0x7FF (+2047)
12-bit SPI Sensor Data
0
33.0161
0x801 (–2047)
0x7FF (+2047)
10-bit DSI3 PDCM Sensor Data
0
8.25403
0x201 (–511)
0x1FF (+511)
Medium g
10-bit PSI5 Sensor Data
0
8.25403
0x220 (–480)
0x1E0 (+480)
16-bit Register Read
0
21.8930
0x8000 (–32768)
0x7FFF (+32767)
16-bit DSI3 PDCM Sensor Data
0
21.8930
0x8001 (–32767)
0x7FFF (+32767)
16-bit SPI Sensor Data
0
175.144
0x8010 (–32752)
0x7FFF (+32767)
16-bit PSI5 Sensor Data
0
175.144
0x8800 (–30720)
0x7800 (+30720)
12-bit DSI3 PDCM Sensor Data
0
10.9465
0x801 (–2047)
0x7FF (+2047)
12-bit SPI Sensor Data
0
10.9465
0x801 (–2047)
0x7FF (+2047)
10-bit DSI3 PDCM Sensor Data
0
2.73663
0x201 (–511)
0x1FF (+511)
High g
10-bit PSI5 Sensor Data
0
2.73663
0x220 (–480)
0x1E0 (+480)
Table 219. Sensor data variables
11.7 Temperature sensor
11.7.1 Temperature sensor signal chain
The device includes an independent temperature sensor for each channel for signal
compensation. The output of the channel 0 temperature sensor is provided for user
readability. A simplified block diagram is shown in Figure 54. Temperature sensor
parameters are specified in Section 10.5 and Section 10.18.
aaa-030637
TEMPERATURE
Σ
CONVERTER
SINC
FILTER
temperature
sensor
to temperature
output
MOVING
AVERAGE
OFFSET
AND
GAIN TRIM
Figure 54. Temperature sensor signal chain block diagram
11.7.2 Temperature sensor output scaling equations
Equation 15 is used to convert temperature readings with the variables as specified.
(15)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
142 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com