Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 140 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 136Page - NXP Semiconductors FXLS93421 Datasheet HTML 137Page - NXP Semiconductors FXLS93421 Datasheet HTML 138Page - NXP Semiconductors FXLS93421 Datasheet HTML 139Page - NXP Semiconductors FXLS93421 Datasheet HTML 140Page - NXP Semiconductors FXLS93421 Datasheet HTML 141Page - NXP Semiconductors FXLS93421 Datasheet HTML 142Page - NXP Semiconductors FXLS93421 Datasheet HTML 143Page - NXP Semiconductors FXLS93421 Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
-80
-40
-120
0
40
magintude
(dB)
-160
frequency (Hz)
10-4
10-3
10-2
10-1
1
10
102
aaa-030635
minimum
typical
maximum
20
30
10
40
50
delay
(s)
0
frequency (Hz)
aaa-030698
minimum
typical
maximum
10-4
10-3
10-2
10-1
1
10
102
Figure 52. 0.005 Hz offset cancellation low-pass filter characteristics
11.6.4.7 Moving average
The device includes an optional moving average function. See Section 11.2.25.4 for
details regarding the moving aver-age function. If the moving average function is
enabled, interpolation is disabled.
11.6.4.8 Data interpolation
The device includes 16 to 1 linear data interpolation to minimize the system sample jitter.
Each result produced by the digital signal processing chain is delayed one sample time.
Transmitted data is interpolated from the 2 previous samples, resulting in a latency of one
sample time, and a maximum signal jitter of 1/16 of the sample time. The device uses the
following functions for calculating the interpolation:
(12)
(13)
An example of the output interpolation is shown in Figure 53.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
140 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com