Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 133Page - NXP Semiconductors FXLS93421 Datasheet HTML 134Page - NXP Semiconductors FXLS93421 Datasheet HTML 135Page - NXP Semiconductors FXLS93421 Datasheet HTML 136Page - NXP Semiconductors FXLS93421 Datasheet HTML 137Page - NXP Semiconductors FXLS93421 Datasheet HTML 138Page - NXP Semiconductors FXLS93421 Datasheet HTML 139Page - NXP Semiconductors FXLS93421 Datasheet HTML 140Page - NXP Semiconductors FXLS93421 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
4000
6000
2000
8000
10000
delay
(µs)
0
frequency (Hz)
10
104
103
102
aaa-030896
minimum
typical
maximum
Figure 49. 50 Hz, 4-pole low-pass filter response signal delay
11.6.4.5 User sensitivity scaling
The device includes a user controlled sensitivity scaling as described in
Section 11.2.24.1.
11.6.4.6 Offset cancellation
The device provides an optional offset cancellation circuit to remove internal offset error.
A simplified block diagram of the offset cancellation is shown in Figure 50.
aaa-030633
rate limit select
INC/DEC
OUT
CLK
OFFSET RATE LIMITING
OFFSET RATE LIMITED DATAPATH
HIGH PASS FILTER DATAPATH
0.5 Hz
CHx_OFFSET_ERR
OFFSET MONITOR
OFFMONNEG
OFFMONPOS
UP/DOWN
COUNTER
OC_Out
OC_Input
DOWN
SAMPLE
OFFSET
CANCELLATION
LOW PASS FILTER
n0
1 - (d1 x z-1)
+
-
Figure 50. Offset cancellation block diagram
The transfer function for the offset low-pass filter is:
(11)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
137 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com